Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 46
Version 1.02
Table 4-3. Register Differences between PCI 9080 and PCI 9060ES
Register
PCI/Local Offset
Bits
Description
PCIIDR
00/00
31:16
Default changed from PCI 906E to PCI 9080
PCISR
06/06
6
User definable bit added
PCICLSR
0C/0C
7:0
Cache line size is now used for Memory Write and Invalidate
PCIBAR0
10/10
8:6
Register Bank size changed from 128 to 256
PCIBAR1
14/14
8:6
Register Bank size changed from 128 to 256
PCIBAR3
1C/1C
31:0
Base address register for Local Address Space 1
PCISVID
2C/2C
15:0
Subsystem Vendor ID Register
PCISID
2E/2E
15:0
Subsystem ID Register
20:19
DMA Channel Priority
23
PCI Request Mode
25
PCI Read/No Write Mode
26
PCI Read with Write Flush Mode
27
Get the Local Bus Latency Timer with BREQ
MARBR
08, AC/88, 12C
28
PCI Read/No Flush Mode
5
Direct Slave Big Endian Mode
6
DMA Channel 1 Big Endian Mode
BIGEND
0C/8C
7
DMA Channel 0 Big Endian Mode
EROMBA
14/94
5
BREQo Timer Resolution control
1:0
Local bus width now programmable in S mode
15
Single Read Access Mode removed
17:16
Local bus width now programmable in S mode
LBRD0
18/98
25
Extra long serial EEPROM load bit
12, 3
Direct Master Read Prefetch Size Control
10, 8:5
Programmable Almost Full Flag increased by one bit
11
Direct Master Prefetch Limit
13
I/O Remap select
DMPBAM
28/A8
15:14
Direct Master Write Delay
LAS1RR
F0/170
31:0
Local Address Space 1 Range Register
LAS1BA
F4/174
31:0
Local Address Space 1 Local Base Address Register (Remap)
LBRD1
F8/178
31:0
Local Address Space 1 Bus Region Descriptor Register
MBOX0
40, 78/C0
31:0
MBOX0 moved to PCI address 78 when Messaging Queue is enabled
MBOX1
44, 7C/C4
31:0
MBOX1 moved to PCI address 7C when Messaging Queue is enabled
MBOX4
50/D0
31:0
MBOX4 added
MBOX5
54/D4
31:0
MBOX5 added
MBOX6
58/D8
31:0
MBOX6 added
MBOX7
5C/DC
31:0
MBOX7 added
P2LDBELL
60/E0
31:8
24 more doorbell bits added to PCI to Local Doorbell Register
L2PDBELL
64/E4
31:8
24 more doorbell bits added to Local to PCI Doorbell Register
INTCSR
68/E8
3
Mailbox Interrupt Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com