Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 99 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 99 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 102Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 103Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 90
Version 1.02
5.2 PIN OUT COMMON TO ALL BUS MODES
Table 5-2. Power and Ground Pin Description
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
TEST
Test
1
I
49
Test Pin. Pull high for test, low for normal operation. When TEST is
pulled high, all outputs except USERO (pin 27) are placed in tri-state.
USERO provides a NAND-TREE output when TEST is pulled high.
VDDL (Core)
Power (+5 V)
6
I
53, 68, 105,
144, 157, 167
Five volt power supply pins for core.
Liberal .01 µF to .1 µF decoupling capacitors should be placed near
the PCI 9080.
VDDH (PCI)
Power
(+5 V or +3.3 V)
3
I
38, 60, 83
Power supply pins for PCI bus pins.
Liberal .01 µF to .1 µF decoupling capacitors should be placed near
the PCI 9080.
VDDH
(Local)
Power
(+5 V)
3
I
1, 124, 184
Power supply pins for local bus pins.
Liberal .01 µF to .1 µF decoupling capacitors should be placed near
the PCI 9080.
VSS
Ground
20
I
22, 37, 45,
52, 59, 67,
75, 82, 90,
98, 104, 114,
123,
134, 143,
156, 166,
183, 193, 208
Ground pins.
Table 5-3. Serial EEPROM Interface Pin Description
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
EECS
Serial EEPROM Chip
Select
1O
TP
8 mA
176
Serial EEPROM chip select.
EEDI
Serial EEPROM Data
IN
1O
TP
8 mA
172
Write data to serial EEPROM.
EEDO
Serial EEPROM Data
OUT
1
I
171
Read data from serial EEPROM.
EESK
Serial Data Clock
1
O
TP
8 mA
173
Serial EEPROM clock.
SHORT#
Load Short
1
I
174
When active low, only five 32-bit registers are loaded from the serial
EEPROM. When active high, all local configuration registers are also
loaded from serial EEPROM.
EESEL
Serial EEPROM
Select
1
I
175
When high, use 93CS46 (1K bit) serial EEPROM.
When low, use 93CS56 (2K bit) serial EEPROM.
Note:
Serial EEPROM interface operates at the core voltage (+5 V). PCI 9080 requires the use of a serial EEPROM that
can operate up to 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com