Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 103 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 103 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 102Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 103Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 104Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 105Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 106Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 107Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 192 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©PLX Technology, Inc., 1997
Page 94
Version 1.02
5.3 C BUS MODE PIN OUT
Table 5-6. C Bus Mode Interface Pin Description
C Mode Bus
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
ADS#
Address Strobe
1
I/O
TS
12 mA
154
Indicates a valid address and the start of a new bus access. Asserted
for the first clock of a bus access.
BLAST#
Burst Last
1
I/O
TS
8 mA
155
Signal driven by the current local bus master to indicate the last
transfer in a bus access.
BTERM#
Burst Terminate
1
I
146
For processors that burst up to four Lwords. If Bterm is disabled
through the PCI 9080 configuration registers, PCI 9080 also bursts
up to four Lwords. If enabled, PCI 9080 continues to burst until a
BTERM# input is asserted. BTERM# is a ready input that breaks up
a burst cycle and causes another address cycle to occur. Used in
conjunction with the PCI 9080 programmable wait state generator.
DEN#
Data Enable
1
O
TS
12 mA
145
Used in conjunction with DT/R# to provide control for data
transceivers attached to the local bus.
DT/R#
Data
Transmit/Receive
1
O
TS
12 mA
138
Used in conjunction with DEN# to provide control for data transceivers
attached to the local bus. When asserted, the signal indicates the PCI
9080 receives data.
LW/R#
Write/Read
1
I/O
TS
12 mA
137
Asserted low for reads and high for writes.
LLOCK#
Bus Lock
1
I
153
Indicates an atomic operation that may require multiple transactions
to complete. Used by the PCI 9080 for direct local access to the PCI
bus.
LA[31:2]
Address Bus
30
I/O
TS
8 mA
136, 135,
133-125,
122-115,
113-106,
103-101
Carries the upper 30 bits of the physical address bus. During bursts,
LA[31:2] increment to indicate successive data cycles.
LD[31:0]
Data Bus
32
I/O
TS
8 mA
177-182,
185-192,
194-207, 2-5
Carries 32, 16, or 8 bit data quantities depending on bus width
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com