Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 115 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 115 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 111Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 112Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 113Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 114Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 115Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 116Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 117Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 118Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 119Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 106
Version 1.02
8. TIMING DIAGRAMS
The PCI 9080 operates in three modes, selected through mode pins, corresponding to three bus types—C, J, and S.
Timing Diagrams are provided for the three operating modes. For some functions, a timing diagram may only be provided
for one mode of operation. Even though a different mode is used, the timing diagram can be used to determine
functionality.
8.1 LIST OF TIMING DIAGRAMS
Initialization
Timing Diagram 8-1. (C, J Modes) PCI RST# Asserting Local Output LRESETo#
Timing Diagram 8-2. (S Mode) Two Phase Clock Synchronization Using LRESETo#
Timing Diagram 8-3. PCI 9080 Local Bus Arbitration
Timing Diagram 8-4. PCI 9080 1K Serial EEPROM PCI Initialization
Timing Diagram 8-5. Local Interrupt (LINTi#) Input Asserting PCI Output INTA#
C Mode Direct Slave
Timing Diagram 8-6. (C Mode) PCI Configuration Write to PCI 9080 PCI Configuration Register
Timing Diagram 8-7. (C Mode) PCI Configuration Read to PCI 9080 PCI Configuration Register
Timing Diagram 8-8. (C Mode) PCI Configuration Write to PCI 9080 Local Configuration Register
Timing Diagram 8-9. (C Mode) PCI Configuration Read to PCI 9080 Local Configuration Register
Timing Diagram 8-10. (C Mode) Direct Slave Single Cycle Read
Timing Diagram 8-11. (C Mode) Direct Slave Single Cycle Write
Timing Diagram 8-12. (C Mode) PCI 9080 DMA or Direct Slave Burst Read from Local Bus, Bterm Enabled
Timing Diagram 8-13. (C Mode) DMA or Direct Slave PCI 9080 Burst Write to Local Bus, Bterm Enabled
Timing Diagram 8-14. (C Mode) Direct Slave PCI to Local Burst Read, Bterm Disabled
Timing Diagram 8-15. (C Mode) PCI 9080 DMA or Direct Slave Burst Write, Bterm Disabled
Timing Diagram 8-16. (C Mode) Direct Slave Read with Prefetch Counter Set to 5
Timing Diagram 8-17. (C Mode) Direct Slave or DMA Burst Write to 32 bit local bus Suspended by BREQ Input
Timing Diagram 8-18. (C Mode) Direct Slave Burst Read of Five Lwords with One Wait State
Timing Diagram 8-19. (C Mode) Direct Slave Burst of Five Lwords with One Wait State
Timing Diagram 8-20. (C Mode) Direct Slave Read 2.1 Spec
Timing Diagram 8-21. (C Mode) Direct Slave Read No Flush Mode (Read Ahead Mode)
Timing Diagram 8-22. (C Mode) Direct Slave Read of Two Lwords from 8-Bit Bus
Timing Diagram 8-23. (C Mode) PCI 9080 DMA or Direct Slave Two Lword Burst Write to 8 Bit Local Bus
Timing Diagram 8-24. (C Mode) Direct Slave Read of Two Lwords from 16-Bit Bus
Timing Diagram 8-25. (C Mode) PCI 9080 DMA or Direct Slave Two Lword Burst Write to 16 Bit Local Bus
Timing Diagram 8-26. (C Mode) Direct Slave Read of Two Lwords from 8 Bit I/O Local Bus
Timing Diagram 8-27. (C Mode) Direct Slave Write of Two Lwords to 8 Bit I/O Local Bus
Timing Diagram 8-28. (C Mode) Direct Slave in BIGEND Local Bus with BIGEND# Input or Internal Register Setting
Timing Diagram 8-29. (C Mode) Locked Direct Slave Read Followed by Write and Release (LLOCKo#)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com