Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060ES Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # PCI9060ES
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060ES Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button PCI9060ES Datasheet HTML 115Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 116Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 117Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 118Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 119Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 120Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 121Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 122Page - List of Unclassifed Manufacturers PCI9060ES Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 192 page
background image
SECTION 8
PCI 9080
TIMING DIAGRAMS
©PLX Technology, Inc., 1997
Page 110
Version 1.02
1
1
00000
0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5 D4
D3
D2 D1
D0
0
0
0
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5 D4
D3
D2
D1
D0 D15
BITS [31:16] CFG REGISTER 0 HEX
BITS [15:0] CFG REGISTER 0 HEX
D14 D13 D12 D11 D10 D9 D8
D7
D6 D5
D4
D3
BITS [31:16] OF CFG REGISTER 8 HEX
CONTINUES
D15 D14 D13 D12 D11 D10 D9
D8 D7
D6
D5
D4
D3
D2
D1
D0
SHORT:
BITS [15:0] MAILBOX 1 LOC C4 HEX
LONG:
BITS [15:0] LOC REGISTER 98 HEX
EXTRA LONG: BITS [15:0] SUBSYSTEM VENDOR ID 2C HEX
START BIT 0 INDICATES EEPROM PRESENT ----|
INTERNALLY PULLED UP
LAST WORD
EESK, EEDO, EECS FROM CFG REGISTERS
AFTER COMPLETION OF READ
CONTINUES
0us
5us
10us
15us
20us
25us
EESK
LRESETo#
EECS
EEDI
EEDO
.
EESK
EEDO
.
.
.
EESK(continues)
EECS
EEDO
Timing Diagram 8-4. PCI 9080 1K Serial EEPROM PCI Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com