Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 16Page - National Semiconductor (TI) PC87310 Datasheet HTML 17Page - National Semiconductor (TI) PC87310 Datasheet HTML 18Page - National Semiconductor (TI) PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
40 Functional Description (Continued)
44 FLOPPY DISK CONTROLLER
441 Introduction
This device contains a full featured floppy disk controller
that is software compatible with the mPD765A and the
DP8473 It includes many hardware and software enhance-
ments Among these enhancements is additional logic spe-
cifically required for an IBM PC PC-XT or PS2 design
This controller incorporates a precision analog data separa-
tor that includes a self trimming delay line and VCO Up to
three external filters are switched automatically depending
on the data rate selected This provides optimal perform-
ance at the standard PC data rates fo 250300 kbs and
500 kbs It also enables optimum performance at 1 Mbs
(MFM) These features combine to provide the lowest possi-
ble PLL bandwidth with the greatest lock range and hence
the widest window margin
This controller has write precompensation circuitry A shift
register is used to provide a fixed 125 ns early-late precom-
pensation for all tracks at 500k300k250 kbs (83 ns for
1 MBs) or a precompensation value that scales with the
data rate 83 ns125 ns208 ns250 ns for data rates of
10M500k300k250 kbs respectively
Specifically to support the PC-AT and PC-XT design the
Floppy Disk Controller PLUS-2 includes address decode for
the A0 – A2 address lines the motordrive select register
data rate register for selecting 250300500 kbs Disk
Changed status dual speed spindle motor control low write
current and DMAinterrupt sharing logic The controller also
supports direct connection to the mP bus via internal 24 mA
buffers The controller also can be connected directly to the
disk drive via internal open drain high drive outputs and
Schmitt inputs
In addition to this logic the controller includes many features
to ease design of higher performance drives and future con-
troller upgrades These include 10 Mbs data rate extend-
ed track range to 4096 Implied seeking working Scan Com-
mands motor control timing both standard IBM formats as
well as Sony 35
(ISO) formats and other enhancements
442 765A Compatible Micro-Engine
The core of the FDC is a mPD765A and DP8473 compatible
microcoded engine This engine consists of a sequencer
program ROM and diskmisc registers This core is clocked
by either a 4 MHz 48 MHz or 8 MHz clock selected in the
Data Rate Register Upon this core is added all the glue
logic used to implement a PC-XT or AT or PS2 floppy con-
troller as well as the data separator and write precompen-
sation logic
The controller consists of a microcoded engine that controls
the entire operation of the chip including coordination of
data transfer with the CPU controlling the drive controls
and actually performing the algorithms associated with
reading and writing data tofrom the disk This includes the
read algorithm for the data separator
Like the mPD765A this controller takes commands and re-
turns data and status through the Data Register in a byte
serial fashion Handshake for commandstatus IO is pro-
vided via the Main Status Register All of the mPD765A
commands are supported as are many other enhanced
commands
DATA SEPARATOR
The internal data separator consists of an analog PLL and
its associated circuitry The PLL synchronizes the raw data
signal read from the disk drive The synchronized signal is
used to separate the encoded clock and data pulses The
data pulses are de-serialized into bytes and then sent to the
m
P by the controller
The main PLL consists of four main components a phase
comparator a filter a voltage controlled oscillator (VCO)
and a programmable divider The phase comparator detects
the difference between the phase of the divider’s output and
the phase of the raw data being read from the disk This
phase difference is converted to a current which either
charges or discharges one of the three external filters The
resulting voltage on the filter changes the frequency of the
VCO and the divider output to reduce the phase difference
between the input data and the divider’s output The PLL is
‘‘locked’’ when the frequency of the divider is exactly the
same as the average frequency of the data read from the
disk A block diagram of the data separator is shown in
Fig-
ure 2
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com