Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 15Page - National Semiconductor (TI) PC87310 Datasheet HTML 16Page - National Semiconductor (TI) PC87310 Datasheet HTML 17Page - National Semiconductor (TI) PC87310 Datasheet HTML 18Page - National Semiconductor (TI) PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
40 Functional Description (Continued)
TABLE 4-7 Interrupt Control Functions
Interrupt Identification
Priority
Level
Interrupt Set and Reset Functions
Register
Bit 2
Bit 1
Bit 0
Interrupt Type
Interrupt Source
Interrupt Reset Control
0
0
1
None
None
1
1
0
Highest
Receiver Line Status
Overrun Error or Parity
Reading the Line
Error or Framing Error
Status Register
or Break Interrupt
1
0
0
Second
Received Data Available
Receiver Data Available
Reading the Receiver
Buffer Register
0
1
0
Third
Transmitter Holding
Transmitter Holding
Reading the IIR Register
Register Empty
Register Empty
(if source of interrupt) or
Writing into the Trans-
mitter Holding Register
0
0
0
Fourth
MODEM Status
Clear to Send or Data
Reading the MODEM
Set Ready or Ring
Status Register
Indicator or Data
Carrier Detect
Bit 1
This bit controls the Request to Send (RTS) output
Bit 1 affects the RTS output in a manner identical to that
described above for bit 0 In local loopback mode this bit
controls bit 4 of the MODEM Status Register
Bit 2
This bit is the OUT1 bit It does not have an output pin
associated with it It can be written to and read by the CPU
In local loopback mode this bit controls bit 6 of the Modem
Status Register
Bit 3
This bit enables the interrupt when set No external
pin is associated with this bit In local loopback mode this
bit controls bit 7 of the MODEM Status Register
Bit 4
This bit provides a local loopback feature for diagnos-
tic testing of the UART When bit 4 is set to logic 1 the
following occur the transmitter Serial Output (SOUT) is set
to the Marking (logic 1) state the receiver Serial Input (SIN)
is disconnected the output of the Transmitter Shift Register
is ‘‘looped back’’ into the Receiver Shift Register input the
four MODEM Control inputs (DSR CTS RI and DCD) are
disconnected and the DTR RTS OUT1 IRQ ENABLE bits
in MCR are internally connected to DSR CTS RI and DCD
in MSR respectively When operating in the AT mode the
MODEM Control output pins are forced to their high (inac-
tive) states When operating in the XT mode the Modem
Control output pins remain connected to their correspond-
ing bits in the MCR In the loopback mode data that is
transmitted is immediately received This feature allows the
processor to verify the transmit-and-received-data paths of
the serial port
In the loopback mode the receiver and transmitter inter-
rupts are fully operational The MODEM Status Interrupts
are also operational but the interrupts’ sources are the low-
er four bits of MCR instead of the four MODEM control in-
puts Writinga1toany of them will cause an interrupt The
interrupts are still controlled by the Interrupt Enable Regis-
ter
Bits 5 through 7
These bits are permanently set to logic 0
MODEM STATUS REGISTER
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information four bits of the MO-
DEM Status Register provide change information These
bits are set to a logic 1 whenever a control input from the
MODEM changes state They are reset to logic 0 whenever
the CPU reads the MODEM Status Register
Table 4-4 shows the contents of the MSR Details on each
bit follow
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
Bit 0 indicates that the CTS input to the chip has changed
state since the last time it was read by the CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indicator
Bit 1 indicates that the DSR input to the chip has changed
state since the last time it was read by the CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector Bit 2 indicates that the RI input to the chip has
changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) indi-
cator Bit 3 indicates that the DCD input to the chip has
changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status Interrupt
is generated
Bit 4
This bit is the complement of the Clear to Send (CTS)
input If bit 4 (loopback) of the MCR is set to a 1 this bit is
equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to a 1 this bit is equivalent to
OUT 1 in the MCR
Bit 7
This bit is the complement of the Data Carrier Detect
(DCD) input If bit 4 of the MCR is set to a 1 this bit is
equivalent to IRQ ENABLE in the MCR
SCRATCHPAD REGISTER
This 8-bit ReadWrite Register does not control the UART
in any way It is intended as a scratchpad register to be used
by the programmer to hold data temporarily When operat-
ing in the XT mode this register is unavailable
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com