Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 13Page - National Semiconductor (TI) PC87310 Datasheet HTML 14Page - National Semiconductor (TI) PC87310 Datasheet HTML 15Page - National Semiconductor (TI) PC87310 Datasheet HTML 16Page - National Semiconductor (TI) PC87310 Datasheet HTML 17Page - National Semiconductor (TI) PC87310 Datasheet HTML 18Page - National Semiconductor (TI) PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
40 Functional Description (Continued)
TABLE 4-5 DUART Reset Configuration
RegisterSignal
Reset Control
Reset State
Interrupt Enable Register
Master Reset
0000
0000
(Note 1)
Interrupt Identification Register
Master Reset
0000
0001
Test Control
Master Reset
0000
0000
Line Control Register
Master Reset
0000
0000
MODEM Control Register
Master Reset
0000
0000
Line Status Register
Master Reset
0110
0000
MODEM Status Register
Master Reset
XXXX
0000
(Note 2)
SOUT
Master Reset
High
INTR (RCVR Errs)
Read LSRMR
LowTRI-STATE
INTR (RCVR Data Ready)
Read RBRMR
LowTRI-STATE
INTR (THRE)
Read IIRWrite THRMR
LowTRI-STATE
INTR (Modem Status Changes)
Read MSRMR
LowTRI-STATE
OUT 2 Bit
Master Reset
High
RTS
Master Reset
High
DTR
Master Reset
High
Note 1
Boldface bits are permanently low
Note 2
Bits 7–4 are driven by the input signals
PROGRAMMABLE BAUD GENERATOR
The DUART contains two independently programmable
Baud Generators The 24 MHz crystal oscillator frequency
input is divided by 13
resulting in a frequency of
18462 MHz This is sent to each Baud Generator and divid-
ed by the divisor for the associated UART The output fre-
quency of the Baud Generator is 16 c the baud rate
divi-
sor
e
(frequency input) d (baud rate c 16) The output
of each Baud Generator drives the transmitter and receiver
sections of the associated serial channel Two 8-bit latches
per channel store the divisor in a 16-bit binary format These
Divisor Latches must be loaded during initialization to en-
sure proper operation of the Baud Generator Upon loading
either of the Divisor Latches a 16-bit Baud Counter is load-
ed
Table 4-6 provides decimal divisors to use with crystal fre-
quencies of 24 MHz The oscillator input to the chip should
always be 24 MHz to ensure that the Floppy Disk Controller
timing is accurate and that the UART divisors are compati-
ble with existing software Using a divisor of zero is not
recommended
LINE STATUS REGISTER
This 8-bit register provides status information to the CPU
concerning the data transfer Table 4-4 shows the contents
of the Line Status Register Details on each bit follow
Bit 0
This bit is the receiver Data Ready (DR) indicator Bit
0 is set to a logic 1 whenever a complete incoming charac-
ter has been received and transferred into the Receiver
Buffer Register Bit 0 is reset to a logic 0 by reading the data
in the Receiver Buffer Register
TABLE 4-6 Divisors Baud Rates
and Clock Frequencies
Baud Rate
Divisor
18462 MHz Clock
Decimal Divisor
Percent Error
for 16 c Clock
(Note 1)
50
2304
01
75
1536
110
1047
1345
857
04
150
768
300
384
600
192
1200
96
1800
64
2000
58
05
2400
48
3600
32
4800
24
7200
16
9600
12
19200
6
38400
3
56000
2
30
Note 1
The percent error for all Baud Rates except where indicated other-
wise is 02%
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com