Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 37Page - National Semiconductor (TI) PC87310 Datasheet HTML 38Page - National Semiconductor (TI) PC87310 Datasheet HTML 39Page - National Semiconductor (TI) PC87310 Datasheet HTML 40Page - National Semiconductor (TI) PC87310 Datasheet HTML 41Page - National Semiconductor (TI) PC87310 Datasheet HTML 42Page - National Semiconductor (TI) PC87310 Datasheet HTML 43Page - National Semiconductor (TI) PC87310 Datasheet HTML 44Page - National Semiconductor (TI) PC87310 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
50 Absolute Maximum Ratings
(Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a7V
All Input and Output Voltages
with Respect to VSS
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Package Power Dissipation (PD)
750 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
lVCC–VCCAl
06V
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
45
55
V
Operating Temperature (TA)0
a
70
C
ESD Rating is to be determined
60 DC Electrical Characteristics VDD e 5V g10% VSS e 0V unless otherwise specified (Note 3)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High Level Input Voltage
(except OSC2CLK) (Note 5)
20
VCC
V
VIL
Low Level Input Voltage
(except OSC2CLK)
b
05
08
V
IIN
Input Current (except OSC pins)
VIN e VDD or GND
g
10
m
A
ICCA
Average VDDA Supply Current
VIN e 24V or 05V IO e 0mA
10
mA
(Note 4)
Quiescent VDDA Supply Current
VIN e VDD or GND IO e 0mA
400
m
A
in Low Power Mode
(Note 4)
ICC
Combined Average VDD
VDD e 55V No Loads on the Outputs
Supply Current
RD WR SIN DSR DCD CTS RI e 2V
35
mA
All Other Inputs e 08V or 24V CLK e 24 MHz
DIVISOR e EFFF
Quiescent VDD Supply Current
VIN e VDD or GND IO e 0mA
950
m
A
in Low Power Mode
(Note 4)
OSCILLATOR PINS
(OSC2CLK)
IOSC
OSC2 Input Current
OSC1 e GND VIN e VDD or GND
g
12
mA
VIH
OSC2 High Level Input Voltage
OSC1 e GND
24
V
VIL
OSC2 Low Level Input Voltage
OSC1 e GND
04
V
DISK DRIVE INTERFACE PINS
(MTR0 – 3 DR0 – 3 WDATA WGATE RDATA DIR HDSEL TRK0 WRTPRT RPM STEP DSKCHG INDEX)
VH
Input Hysteresis
250 Typical
mV
VOL
Low Level Output Voltage
IOUT e 48 mA
04
V
ILKG
Output High Leakage Current
VOUT e VDD or GND
g
100
m
A
VIH
High Level Input Voltage
22
V
VIL
Low Level Input Voltage
08
V
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur Continuous operation at these limits is not intended and
should be limited to those conditions specified under DC Electrical Characteristics
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
These DC Electrical Characteristics are measured staticly and not under dynamic conditions
Note 4
ICC is measured with a 01 mF supply decoupling capacitor to ground
Note 5
CRB0–7 XTSEL and CRPE are NOT TTL compatible Pull-up resistors must be used if this is a requirement
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com