Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 4Page - National Semiconductor (TI) PC87310 Datasheet HTML 5Page - National Semiconductor (TI) PC87310 Datasheet HTML 6Page - National Semiconductor (TI) PC87310 Datasheet HTML 7Page - National Semiconductor (TI) PC87310 Datasheet HTML 8Page - National Semiconductor (TI) PC87310 Datasheet HTML 9Page - National Semiconductor (TI) PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) PC87310 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
20 Pin Descriptions (Continued)
Pin Symbol
Pin Number
Description
DCD1 2
(Data Carrier Detect)
52 47
When low this input indicates that the data carrier has been detected by
the MODEM or data set The DCD signal is a MODEM status input
whose condition the CPU can test by reading bit 7 (DCD) of the MODEM
Status Register Bit 7 is the complement of the DCD signal Bit 3 (DDCD)
of the MODEM Status Register indicates whether the DCD input has
changed state since the previous reading of the MODEM Status
Register DCD has no effect on the receiver
Note
Whenever the DCD bit of the MODEM Status Register changes state an interrupt is
generated if the MODEM Status Interrupt is enabled
DIR
(Direction)
91
This output determines the direction of the head movement (low e step
in high e step out) When in the write or read modes this output will be
high This is a high drive open drain output
DR0 1
(Drive)
93 92
These are active low drive select outputs for drive 0 and drive 1 They
are ANDed with the corresponding motor enable lines This is a high
drive open drain output These pins contain encoded drive select
information if bit 7 of the Configuration Register is set (see Configuration
Register for detailed information on the encoding)
DRQ
(DMA Request)
69
Active high output to signal the DMA controller that a data transfer is
needed This signal is enabled when D3 of the Drive Control Register is
set However the specify command must be used to enable the DMA
mode
DRVTYP
(Drive Type)
84
This is an input used by the controller to enable the 300 kbs mode This
enables the use of floppy drives with either dual or single speed spindle
motors For dual speed spindle motors this pin is tied low When low
and 300 kbs data rate is selected in the data rate register the PLL
actually uses 250 kbs This pin is tied high for single speed spindle
motor drives (standard AT drive) When this pin is high and 300 kbs is
selected 300 kbs is used (See also RPMLC pin)
DSKCHGRG
73
This disk interface input indicates when the disk drive door has been
(Disk ChangeRead Gate)
opened The active high state of this input is read from bit D7 of address
3F7 hex When the RG bit in the Mode Command is set this pin
functions as a Read Gate signal When low it forces the data separator
to lock to the crystal and when high it locks to the data for diagnostic
purposes
DSR1 2
(Data Set Ready)
53 46
When low this input indicates that the MODEM or data set is ready to
establish the communications link with the UART The DSR signal is a
MODEM status input whose condition the CPU can test by reading bit 5
(DSR) of the MODEM Status Register Bit 5 is the complement of the
DSR signal Bit 1 (DDSR) of the MODEM Status Register indicates
whether the DSR input has changed state since the previous reading of
the MODEM Status Register
Note
Whenever the DSR bit of the MODEM Status Register changes state an interrupt is
generated if the MODEM Status Interrupt is enabled
DTR1 2
(Data Terminal Ready)
54 44
When low this output indicates to the MODEM or data set that the
UART is ready to establish a communications link The DTR output
signal can be set to an active low by programming bit 0 (DTR) of the
MODEM Control Register to a high level A Master Reset operation sets
this signal to its inactive (high) state Loop mode operation holds this
signal in its inactive state if the XTSEL pin is high during reset If the
XTSEL pin is low during reset the associated pin state is controlled by
the MCR0 bit during loop mode operation These are dual function pins
see CRB2 and CRB3 for detailed operation during reset
ERR
(Error)
28
This input is set low by the printer when it has detected an error
FILTER
82
This pin is the output of the charge pump and the input to the VCO One
or more filters are attached between this pin and the VSSA FGND250
and FGND500 pins
FGND250
80
This pin connects the PLL filter for 250k(MFM)125k(FM) bs or
(Filter Ground 250 kbs)
300k(MFM)150k(FM) bs to ground This is a low impedance open
drain output
FGND500
79
This pin connects the PLL filter for 500k(MFM)250k(FM) bs to ground
(Filter Ground 500 kbs)
This is a low impedance open drain output
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com