Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 7Page - National Semiconductor (TI) PC87310 Datasheet HTML 8Page - National Semiconductor (TI) PC87310 Datasheet HTML 9Page - National Semiconductor (TI) PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) PC87310 Datasheet HTML 12Page - National Semiconductor (TI) PC87310 Datasheet HTML 13Page - National Semiconductor (TI) PC87310 Datasheet HTML 14Page - National Semiconductor (TI) PC87310 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
20 Pin Descriptions (Continued)
Pin Symbol
Pin Number
Description
SLCT
(Select)
29
This input is set high by the printer when it is selected
SLIN
(Select Input)
37
This output selects the printer when it is low This pin will be in a
TRI-STATE condition 10 ns after a zero is loaded into the corresponding
Control Register bit position The system should pull this pin high using a
47 kX resistor
SOUT1 2
57 41
This output sends composite serial data output to the communications
(Serial Output)
link (peripheral MODEM or data set) The SOUT signal is set to the
Marking (logic 1) state upon a Master Reset operation (See BOUT1 2
and CRB0 7 for further information on these pins)
STB
(Data Strobe)
33
This output indicates to the peripheral that the data at the parallel port is
valid This pin will be in a TRI-STATE condition 10 ns after a zero is
loaded into the corresponding Control Register bit position The system
should pull this pin high using a 47 kX resistor
STEP
87
This active low open drain high drive output will produce a pulse at a
software programmable rate to move the head during a seek operation
TC
(Terminal Count)
71
Active high input to indicate the termination of a DMA transfer This
signal is enabled when the DMA Acknowledge pin is active
TRK0
(Track 0)
97
This active low Schmitt input tells the controller that the head is at track
zero of the selected disk drive
VDD A B C D (Power)
81 74 45 34
a
5V Supply to the FDC analog FDC digital serial ports and parallel
port circuitry respectively
VSS A B C D E F
77 100 65
0V Reference for the FDC analog FDC digital CPU interface serial
(Ground)
59 27 89
ports parallel port and disk interface output drive circuitry respectively
WDATA
(Write Data)
90
This is the active low open drain write precompensated serial data to be
written onto the selected disk drive This is a high drive open drain
output
WGATE
(Write Gate)
86
This active low open drain high drive output enables the write circuitry of
the selected disk drive This output has been designed to prevent
glitches during power up and power down This prevents writing to the
disk when power is cycled
WPROT
(Write Protect)
99
This active low Schmitt input indicates that the disk is write protected
Any command that writes to that disk drive is inhibited when a disk is
write protected
WR
(Write)
14
When this input is low while the chip is selected the CPU can write
control words or data into the selected register
XTSEL
(XT Select)
18
When this input is low during reset the chip will operate in the XT
compatible mode When this input is high during reset this chip will
operate in the AT compatible mode This pin must always have a pull
down or pull up resistor attached to it (See GPEN and GRD for further
information on this pin)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com