Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 9Page - National Semiconductor (TI) PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) PC87310 Datasheet HTML 12Page - National Semiconductor (TI) PC87310 Datasheet HTML 13Page - National Semiconductor (TI) PC87310 Datasheet HTML 14Page - National Semiconductor (TI) PC87310 Datasheet HTML 15Page - National Semiconductor (TI) PC87310 Datasheet HTML 16Page - National Semiconductor (TI) PC87310 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
40 Functional Description
This section provides the descriptions for each of the major
functional blocks of the PC87310 Each functional block is
described as independently of the other blocks as is possi-
ble Software can address all blocks independently of each
other except for the Configuration Port and low power
mode operation The Configuration Register affects all other
blocks by determining which ones the address decoder can
activate The low power mode is enabled and disabled via
the floppy disk controller mode command Enabling low
power mode will stop the 24 MHz crystal and clock oscilla-
tion to all logic blocks Software should ensure that both
UARTs and the floppy disk controller are idle and will con-
tinue to be idle while the low power mode is enabled
41 ADDRESS DECODER
This decodes address signals A0 – A9 qualifies them and if
they qualify it activates the appropriate function block The
XTSEL pin determines whether function blocks respond to
the industry standard XT or AT address
Before activating the block it qualifies the address with IOL
AEN and the Configuration Register enable signals for
each function If IOL is low (active) then an external decod-
er has determined that address bits A10 – A15 are all zero
and this is an IO access If AEN is low (active) then this is
a CPU (not DMA) access and the addressed register can
respond If the configuration bit for the addressed function is
0 that function is active on this particular device and can
respond
There are no pin selects for the functions on this device so
the designer must use the on-chip address decoder to se-
lect any function Each function except for the hard disk
select can be disabled via hardware or software The hard
disk select can only be disabled via software
42 CONFIGURATION PORT
This port consists of a one byte register that the system can
program via hardware (voltage levels on certain pins during
reset) or software (two consecutive writes to IO address
03f3 hex) When programming the Configuration Register
via software the data sent during both writes to 03f3 hex
should be the correct bit pattern and there should be no IO
write strobes between these 03f3 hex accesses Further-
more system interrupts should be disabled to prevent inter-
rupt service routines from issuing IO write strobes between
the 03f3 hex accesses Through this register the system
can enable disable or reassign addresses to the on-chip
functions
One pin (CRPE) determines whether the default value of
this register will be 00 (all functions enabled) or a value
latched in during reset from the CRBx pins If CRPE is low
during reset the complement of the CRBx pins will be load-
ed into the bits of the Configuration Register
Bit 5 Hard Drive Chip Select does not have an external pin
associated with it and will always default to the enabled
state If CRPE is high during reset then 00 will be loaded
into the Configuration Register After reset the value of this
register can be changed by software regardless of the state
of CRPE
The Configuration Register bits are defined in Table 4-1 An
example of the initial condition after reset if 00 is loaded into
the Configuration Register is
1 The parallel port responds to address range 378 – 37A
(LPT2)
2 Serial Port 1 responds to 3F8 – 3FF (COM1)
3 Serial Port 2 responds to 2F8 – 2FF (COM2)
4 The hard disk selects are enabled
5 The floppy disk controller is enabled
6 The floppy disk controller drive and motor pins can drive
the disk interface directly (no encoded information is pre-
sented)
TABLE 4-1 Configuration Register Bit Definitions
B7
B6
B5
B4
B3
B2
B1
B0
Result
0
0
Parallel port at LPT2 (378 – 37F)
0
1
Parallel port at LPT1 (3BC – 3BE)
1
0
Parallel port at LPT3 (278 – 27F)
1
1
Parallel port disabled
UART1
UART2
0
0
0
COM1 (3F8 – 3FF)
COM2 (2F8 – 2FF)
0
0
1
disabled
COM2
0
1
0
COM1
disabled
0
1
1
disabled
disabled
1
0
0
COM2
COM1
1
0
1
disabled
COM1
1
1
0
COM2
disabled
1
1
1
disabled
disabled
0
Hard disk select enabled
1
Hard disk select disabled
0
Floppy disk controller enabled
1
Floppy disk controller disabled
0
DR0 DR1 MTR0 and MTR1 pins select
drive 0 drive 1 motor 0 motor 1
respectively
1
DR0 DR1 MTR0 and MTR1 pins contain
the encoded drive and motor information
shown in Table 4-2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com