Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 6Page - National Semiconductor (TI) PC87310 Datasheet HTML 7Page - National Semiconductor (TI) PC87310 Datasheet HTML 8Page - National Semiconductor (TI) PC87310 Datasheet HTML 9Page - National Semiconductor (TI) PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) PC87310 Datasheet HTML 12Page - National Semiconductor (TI) PC87310 Datasheet HTML 13Page - National Semiconductor (TI) PC87310 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
20 Pin Descriptions (Continued)
Pin Symbol
Pin Number
Description
MTR0 1
(Motor)
95 94
These are active low motor enable outputs for drive 0 and drive 1 This is
a high drive open drain output These pins contain encoded drive select
information if bit 7 of the Configuration Register is set (see Configuration
Register for detailed information on the encoding) Otherwise they are
controlled through bits in the Drive Control Register
OSC1
(Oscillator)
76
One side of an external 24 MHz crystal is attached here This pin is tied
low if an external clock is used
OSC2CLK
(OscillatorClock)
75
One side of the external 24 MHz crystal is attached here If a crystal is
not used a TTL or CMOS compatible clock is connected to this pin
PD0 – PD7
(Port Data)
26 – 19
These bidirectional pins transfer data to and from the peripheral data
bus These pins have high current drive capability (See DC Electrical
Characteristics)
PE
(Paper End)
30
This input is set high by the printer when it is out of paper
POE
(Port Output Enable)
38
When this input is low data written to the parallel port data register is
output through PD0 – PD7 When this input is high PD0 – PD7 are in a
high impedance state and act as inputs This pin is usually tied low for
printer operation
PUMPPREN
83
When the PU bit is set in Mode Command this pin is an output that
(PumpPrecompensation Enable)
indicates when the charge pump is making a correction Otherwise this
pin is an input that sets the precomp mode as shown in Table 4-13 If pin
is configured as PUMP PREN is assumed high
RD
(Read)
15
When this input is low while the chip is selected the CPU can read
status information or data from the selected register
RDATA
(Read Data)
78
The active low raw data read from the disk is connected here This is a
Schmitt input
RI1 2
(Ring Indicator)
50 49
When low this input indicates that a telephone ringing signal has been
received by the MODEM or data set The RI signal is a MODEM status
input whose condition the CPU can test by reading bit 6 (RI) of the
MODEM Status Register Bit 6 is the complement of the RI signal Bit 2
(TERI) of the MODEM Status Register indicates whether the RI input
signal has changed from a low to a high state since the previous reading
of the MODEM Status Register
Note
Whenever the RI bit of the MODEM Status Register changes from a high to a low
state an interrupt is generated if the MODEM Status Interrupt is enabled
RPMLC
88
This high drive open drain output pin has two functions based on the
(Revolutions per MinuteLow Current)
selection of the DRVTYP pin
1 When using a dual speed spindle motor floppy drive (DRVTYP pin
low) this output is used to select the spindle motor speed either 300
RPM or 360 RPM In this mode this output goes low when 250300 kb
data rate is chosen in the data rate register and high when 500 kbs is
chosen
2 When using single speed spindle motor floppy drive (DRVTYP pin
high) this pin indicates when to reduce the write current to the drive
This output is high for high density media (when 500 kbs is chosen)
RTS1 2
55 43
When low this output indicates to the MODEM or data set that the
(Request to Send)
UART is ready to exchange data The RTS output signal can be set to
an active low by programming bit 1 (RTS) of the MODEM Control
Register A Master Reset operation sets this signal to its inactive (high)
state Loop mode operation holds this signal in its inactive state if the
XTSEL is high during reset If the XTSEL pin is low during reset MCR bit
1 controls the associated pin during loop mode operation (See CRB4
and CRB1 for further information on these pins)
SETCUR
(Set Current)
85
An external resistor connected from this pin to analog ground programs
the amount of charge pump current that drives the external filters The
PLL Filter Design section shows how to determine the values
SIN1 2
(Serial Input)
56 42
This input receives composite serial data from the communications link
(peripheral device MODEM or data set)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com