Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) PC87310 Datasheet HTML 27Page - National Semiconductor (TI) PC87310 Datasheet HTML 28Page - National Semiconductor (TI) PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) PC87310 Datasheet HTML 31Page - National Semiconductor (TI) PC87310 Datasheet HTML 32Page - National Semiconductor (TI) PC87310 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
40 Functional Description (Continued)
READ DELETED DATA
Based on the specified address and
the deleted data mark
Command Phase
MT MFM SK
0
1
1
0
0
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
WRITE DATA
To specified sectors in logical order on
a track (optional Implied Seek)
Command Phase
MT MFM
000101
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
SCAN EQUAL
Compare on a byte-by-byte basis the
m
P and disk data from the specified
sector match on e
Command Phase
MT MFM SK
1
0
0
0
1
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
READ A TRACK
Read all sectors on the specified track
in physical order
Command Phase
0
MFM SK
0
0
0
1
0
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
WRITE DELETED DATA
Based on the address and the Deleted
Data Mark
Command Phase
MT MFM
001001
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
SCAN LOW OR EQUAL
Compare on a byte-by-byte basis the
m
P and disk data from the specified
sector match on ke
Command Phase
MT MFM SK
1
1
0
0
1
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com