Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) PC87310 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
40 Functional Description (Continued)
C2
Filter capacitor in series with R2 With pump current
this determines loop bandwidth
R2
Filter resistor Determines the PLL damping factor
C1
This filter capacitor improves the performance of the
PLL by providing additional filtering of bit jitter and
noise
KVCO The ratio of the change in the frequency of the VCO
output due to a voltage change at the VCO input
KVCO
25 MradsV The VCO is followed by a di-
vider to achieve the desired frequency for each data
rate VCO center frequency is 4 MHz for data rates
of 1 Mbs 500 kbs and 250 kbs (MFM) and is
48 MHz for 300 kbs (MFM)
KPLL This is the gain of the internal PLL circuitry and is
the product of VREF c KVCO c KP This value is
specified in the Phase Locked Loop Characteristics
table
0n
This is the bandwidth of the PLL and is given by
0n e
0 KPLL
2qC2NR1
where N is the number of VCO cycles between two
phase comparisons The value of N for the various
data rates are shown in Table 4-9
g
The damping factor is set to 07 to 12 and is given
by
g e
0nR2C2
2
The trade off when choosing filter components is between
acquisition time while the PLL is locking and jitter immunity
while reading data To select the proper components for a
standard floppy disk application the following procedure can
be used
1 Choose FM or MFM and data rate Determine N from
Table 4-9 Determine preamble length (MFM e 12) The
PLL should lock within
the preamble time
2 Determine loop bandwidth (0n) required and set the
charge pump resistor R1
3 Calculate C2 using
C2 e
KPLL
2qR1N0n2
4 Choose R2 using
R2 e
2g
0nC2
6 Select C1 to be about
th of C2
The above procedure will yield adequate loop performance
If optimum loop performance is required or if the nature of
the loop performance is very critical then some additional
consideration must be given to choosing 0n and the damp-
ing factor (For a detailed description on how to choose 0n
and g see AN-505 Floppy Disk Data Separator Design
Guide for the DP8473)
WRITE PRECOMPENSATION
The FDC incorporates a single fixed 3-bit shift register This
shift register outputs are tapped and multiplexed onto the
write data output The taps are selected by a standard pre-
compensation algorithm This precompensation value can
be selected from the PUMPPREN pin When this pin is low
125 ns precomp is used for all data rates except 1 Mbs
which uses 83 ns When PREN is tied high the precompen-
sation-value scales with data rate at 250 kbs its 250 ns for
300 kbs its 208 ns at 500 kbs its 125 ns and at 10 Mbs
its 83 ns These values are shown in Table 4-13
PC-AT AND PC-XT LOGIC BLOCKS
This section describes the major functional blocks of the PC
logic that have been integrated on the controller Refer back
to the block diagram 12
DMA Enable Logic
This is gating logic that disables the
DMA lines and the Interrupt output under the control of the
DMA Enable bit in the Drive control register When the DMA
Enable bit is 0 then the INT and DRQ are held TRI-STATE
and DAK is disabled
Drive Output BuffersInput Receivers
The drive inter-
face output pins can drive 150X g10% termination resis-
tors This enables connection to a standard floppy drive All
drive interface inputs are TTL compatible schmitt trigger in-
puts with typically 250 mV of hysteresis
The MTR2 and 3
and DR2 and 3 pins have been removed in order to accom-
modate the 100 pin package
Bus Interface-Address Decode
The address decode cir-
cuit allows software access to the controller Drive Control
Register and Data Rate Register (see Table 4-10 for the
memory map) using the same address map as is used in the
XT AT or PS2 The decoding is provided for A0 – A2 so
only a single address decoder connected to the chip select
is needed to complete the decode The bus interface logic
includes the 8-bit data bus and DRQINT signals The out-
put drive for these pins is 24 mA
TABLE 4-10 Address Memory Map for DP8473
IO
A2
A1
A0
RW
Register
Addr
03F0
0
0
0
X
None (Bus TRI-STATE)
03F1
0
0
1
X
None (Bus TRI-STATE)
03F2
0
1
0
W
Drive Control (DCR)
03F3
0
1
1
X
None (Bus TRI-STATE)
03F4
1
0
0
R
Main Status (MSR)
03F5
1
0
1
RW
Data (DR)
03F6
1
1
0
X
None (Bus TRI-STATE)
03F7
1
1
1
W
Data Rate (DRR)
03F7
1
1
1
R
Disk Changed Bit (DKR)
When this location is accessed only bit D7 is driving all others are held in
TRI-STATE
Drive Control Register
This 8-bit write only register con-
trols the drive selects motor enables DMA enable and Re-
set See Register Description
Reset Logic
The reset input pin is active high and directly
feeds the Drive Control Register and the Data Rate Regis-
ter After a hardware reset the Drive Control Register is re-
set to all zeros and the Data Rate Register is set to
250 kbs data rate The controller is held reset until the
software sets the Drive Control reset bit after which the
controller may be initialized A software reset to the control-
ler core can be issued by resetting then setting this bit A
software reset does not reset the Drive Control Register or
the Data Rate Register
Data Rate Register and Clock Logic
This is a two bit
register that controls the data rate that the controller uses
See Register Description This register feeds logic that se-
lects the data rates by programming a prescaler that divides
the crystal or clock input by either 3 5 or 6 This causes
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com