Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 3Page - National Semiconductor (TI) PC87310 Datasheet HTML 4Page - National Semiconductor (TI) PC87310 Datasheet HTML 5Page - National Semiconductor (TI) PC87310 Datasheet HTML 6Page - National Semiconductor (TI) PC87310 Datasheet HTML 7Page - National Semiconductor (TI) PC87310 Datasheet HTML 8Page - National Semiconductor (TI) PC87310 Datasheet HTML 9Page - National Semiconductor (TI) PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
20 Pin Descriptions
The following describes the function of all pins A low represents a logic 0 (0V nominal) and a high represents a logic 1 (a24V
nominal)
Pin Symbol
Pin Number
Description
A0–A9
(IO Address)
11 – 2
Address signals connected to these inputs select the active register
during a CPU read or write Details on each register are given in the
device section associated with that register (eg UART FDC parallel
port etc)
ACK
(Acknowledge)
31
This input is set low by the printer to indicate that it has received data
AEN
(Address Enable)
12
This input disables function selection via A0 – A9 when it is high
AFD
(Automatic Feed XT)
35
When this output is low the printer should automatically line feed after
each line printed This pin will be in a TRI-STATE condition 10 ns after
a zero is loaded into the corresponding Control Register bit position The
system should pull this pin high using a 47 kX resistor
BOUT1 2
(Baud Rate Output)
57 41
This multi-function output pin provides the associated serial channel
Baudout signal after data of 10 hex has been written to the TCR This
pin provides the composite serial data output signal for the associated
channel after a reset or after 00 is written to the TCR (See SOUT1 2
and CRB0 7 for further information on these pins)
BUSY
(Printer Busy)
32
This input is set high by the printer when it can’t accept another
character
CRPE
17
This multi-function pin is used to select between internal or external
(Configuration Register
default values for the Configuration Register and whether the
Program Enable)
Configuration Register can be initialized via hardware or software The
chip checks this pin during reset at that time it acts as an input If it is
low during reset the Configuration Register will default to the
complement of the CPB0 – 4 6 7 pin states If it is high the
Configuration Register will default to 00 A 47 kX (Note 1) resistor can
be used to pull this pin to the required signal level This pin will be driven
by the chip when not in reset Regardless of the initial polarity of this pin
the Configuration Register can be programmed whenever Master Reset
is inactive This pin must always have a pull up or pull down resistor
attached to it (See HCS1 and GWR for further information on pin 17
when the chip is NOT being reset)
Note 1
If the minimum reset time of 100 ns is required these resistors will have to be
reduced to k10 kX to stabilize the input signal during the reset pulse The exact resistor
value is a function of the signal capacitive loading
CRB0 – 4 6 7
41 43 44 54
These dual function pins act as inputs during reset (if CRPE e 0) to
(Configuration Register Bits)
55 16 57
determine the state of the Configuration Register bits The bits of the
Configuration Register will be the complement of these inputs A 47 kX
(Note 1) resistor can be used to pull these pins to the required signal
levels These pins will be outputs when the chip is not in reset These
pins have the following dual functions SOUT2CRB0 RTS2CRB1
DTR2CRB2 DTR1CRB3 RTS1CRB4 HCS0CRB6 SOUT1CRB7
Note 1
If the minimum reset time of 100 ns is required these resistors will have to be
reduced to k10 kX to stabilize the input signal during the reset pulse The exact resistor
value is a function of the signal capacitive loading
CTS1 2
(Clear to Send)
51 48
When low this input indicates that the MODEM or data set is ready to
exchange data The CTS signal is a MODEM status input whose
condition the CPU can test by reading bit 4 (CTS) of the MODEM Status
Register for the appropriate channel Bit 4 is the complement of the CTS
signal Bit 0 (DCTS) of the MODEM Status Register indicates whether
the CTS input has changed state since the previous reading of the
MODEM Status Register CTS has no effect on the transmitter
Note
Whenever the DCTS bit of the MODEM Status Register changes state an interrupt is
generated if the MODEM Status Interrupt is enabled
D0–D7
(Data Bus)
60 – 64 66 – 68
This bus contains eight TRI-STATE inputoutput lines The bus provides
bidirectional communications between this chip and the CPU Data
control words and status information are transferred via the D0 – D7
Data Bus
DAK
(DMA Acknowledge)
70
Active low input to acknowledge the DMA request and enable the RD
and WR inputs This signal is enabled when D3 of the Drive Control
Register is set However the specify command must be used to enable
the DMA mode
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com