Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 18Page - National Semiconductor (TI) PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
40 Functional Description (Continued)
The controller takes best advantage of the internal data
separator by implementing a sophisticated ID search algo-
rithm This algorithm shown in
Figure 4 enhances the
PLL’s lock characteristics by forcing the PLL to relock to the
crystal any time the data separator attempts to lock to a
non-preamble pattern This algorithm ensures that the PLL
is not thrown way out of lock by write splices or bad data
fields
TABLE 4-8 Typical Filter Values for the Various Data
Rates (Assuming g6% Capture Range)
Data Rate
C2
R2
C1
R1
(MFM bs)
Filter Values when Using All 3 Data Rates
10M
C2C e 0012 mF 560X
510 pF
56 kX
500k
C2B e 0015 mF
250300k
C2A e 0033 mF
Filter Values when Using 250300 and 500 kbs
500k
C2B e 0027 mF 560X 1000 pF 56 kX
250300k
C2A e 0047 mF 560X
Filter Using Only One Data Rate
10M
C2 e 0012 mF
560X
510 pF
56 kX
500k
C2 e 0027 mF
560X
1000 pF
56 kX
300250k
C2 e 0047 mF
560X
2000 pF
56 kX
(These values are preliminary and thus are subject to change)
TABLE 4-9 Data Rates (MFM) versus
VCO Divide-By Factor
Data Rate
N
1 Mbs
4
500 kbs
8
300 kbs
16
250 kbs
16
PLL DIAGNOSTIC MODES
In addition the FDC has two diagnostic modes to enable
filter optimization 1) enabling the Charge Pump output sig-
nal onto the PUMPPREN pin and 2) providing external
control of the Read Gate signal to the data separator Both
modes are enabled in the last byte of the Mode Command
The Pump output signal indicates when the charge pump is
making a phase correction and hence whether the loop is
locked or not
The Read Gate function when enabled allows the designer
to manually force the data separator to lock to the incoming
data or back to the reference clock This enables easy veri-
fication of the lock characteristics of the PLL by monitoring
the FILTER pin and the Pump signal
PLL FILTER DESIGN
This section provides information to enable design of the
data separator’s external filter and charge pump set resis-
tor This discussion is for a single data rate filter and can be
easily extrapolated to the other filters of
Figure 3 Table 4-8
shows some typical filter component values but if a custom
filter is desired the following parameters must be consid-
ered
R1
Charge pump current setting resistor The current
set by this resistor is multiplied by the charge pump
gain KP which is E25 Thus the charge pump cur-
rent is
IPUMP e (25) 12VR1 R1 should be set to between
3–12 kX This resistor determines the gain of the phase
detector which is KD e IPUMP 2q
TLC10591 – 12
FIGURE 4 Read Algorithm-State Diagram for Data
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com