Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 33Page - National Semiconductor (TI) PC87310 Datasheet HTML 34Page - National Semiconductor (TI) PC87310 Datasheet HTML 35Page - National Semiconductor (TI) PC87310 Datasheet HTML 36Page - National Semiconductor (TI) PC87310 Datasheet HTML 37Page - National Semiconductor (TI) PC87310 Datasheet HTML 38Page - National Semiconductor (TI) PC87310 Datasheet HTML 39Page - National Semiconductor (TI) PC87310 Datasheet HTML 40Page - National Semiconductor (TI) PC87310 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
40 Functional Description (Continued)
45 PARALLEL PORT
This parallel interface is designed to provide all of the sig-
nals and registers needed to communicate through a stan-
dard parallel printer port as found in the IBM PC XT AT
and Centronics systems The address decoding of the regis-
ters utilizing A0 and A1 is shown in Table 4-21 Table 4-22
shows the Reset states of Parallel port registers and pin
signals All bits in the registers are located in the same posi-
tions and have the same functions as the registers of the
systems listed above These registers are shown below
TABLE 4-21 Parallel Interface Register Addresses
CSP
A1
A0
Address
Register
ReadWrite
0
0
0
0
Data
ReadWrite
0
0
1
1
Status
Read
0
1
0
2
Control
ReadWrite
0
1
1
3
TRI-STATE
DATA REGISTER (DTR)
TLC10591 – 15
This is a bidirectional data port that transfers 8-bit data in
the direction determined by the logic state of POE pin and
the RD and WR strobes
STATUS REGISTER (STR)
TLC10591 – 16
This register provides status for the signals listed below It is
a read only register Writing to it is an invalid operation that
has no effect
Bits 0 1 2
These bits are always 1
Bit 3
This bit represents the current state of the printer
error signal (ERROR) The printer sets this bit low when
there is a printer error This bit follows the state of the ERR
pin
Bit 4
This bit represents the current state of the printer
select signal (SLCT) The printer sets this bit high when it is
selected This bit follows the state of the SLCT pin
Bit 5
This bit represents the current state of the printer
paper end signal (PE) The printer sets this bit high when it
detects the end of the paper This bit follows the state of the
PE pin
Bit 6
This bit represents the current state of the printer
acknowledge signal (ACK) The printer sets this signal to
low after it has received a character and is ready to receive
another one This bit follows the state of the ACK pin
Bit 7
This bit represents the current state of the printer
busy signal (BUSY) The printer sets this bit low when it is
busy and cannot accept another character This bit is the
inverse of the (BUSY) pin
CONTROL REGISTER (CTR)
TLC10591 – 17
This register provides all output signals to control the print-
er This is a read and write register
Bit 0
This bit directly controls the data strobe signal to the
printer via the STB pin This bit is the inverse of the STB pin
Bit 1
This bit directly controls the automatic feed XT signal
to the printer via the AFD pin Setting this bit high causes
the printer to automatically feed after each line is printed
This bit is the inverse of the AFD pin
Bit 2
This bit directly controls the signal to initialize the
printer via the INIT pin Setting this bit to low initializes the
printer This bit follows the INIT pin
Bit 3
This bit directly controls the select in signal to the
printer via the SLIN pin Setting this bit high selects the
printer This bit is the inverse of the SLIN pin
Bit 4
This bit enables the parallel port interrupt When this
bit is set high the INTP signal follows the ACK signal tran-
sitions
Bits 5 6 7
These bits are always 1
TABLE 4-22 Parallel Port Reset Functions
Register
Reset
Reset
Signal
Control
State
SLIN Pin
MR
High
INIT Pin
MR
High
AFD Pin
MR
High
STB Pin
MR
High
IRQ7 Pin
MR
TRI-STATE
Normally when the Control Register is read the bit values
are provided by the output latch These bit values can be
superseded by the logic level of the STB AFD INIT and
SLIN pins if these pins are forced high or low by an external
voltage In order to force these pins high or low the corre-
sponding bits should be set to their inactive state (eg
AFD e STB e SLIN e 0 INIT e 1)
46 IDE HARD DISK INTERFACE CIRCUIT USING THE
PC87310 SUPER IO CONTROLLER
The PC87310 SuperIO controller is designed to provide a
higher level of integration when interfacing to commonly
used peripherals such as a floppy disk drive and communi-
cations port Another key interface design that is facilitated
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com