Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 5Page - National Semiconductor (TI) PC87310 Datasheet HTML 6Page - National Semiconductor (TI) PC87310 Datasheet HTML 7Page - National Semiconductor (TI) PC87310 Datasheet HTML 8Page - National Semiconductor (TI) PC87310 Datasheet HTML 9Page - National Semiconductor (TI) PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) PC87310 Datasheet HTML 12Page - National Semiconductor (TI) PC87310 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
20 Pin Descriptions (Continued)
Pin Symbol
Pin Number
Description
GPEN
(Game Port Enable)
18
This multi-function output provides an active low signal if IO address
201 hex is selected and the XTSEL pin was high during reset It can be
used as a decoded chip select for external logic that implements the
game port function in an AT system (See GRD and XTSEL for additional
details about the operation of this pin)
GRD
(Game Read)
18
This multi-function output provides an active low signal if IO address
201 hex is selected the read pin is low and the XTSEL pin was low
during reset It can be used as a decoded read signal for external logic
that implements the game port function in an XT system (See GPEN
and XTSEL for additional details about the operation of this pin)
GWR
(Game Write)
17
This multi-function output provides an active low signal if IO address
201 hex is selected the write pin is low and the XTSEL pin was low
during reset It can be used as a decoded write signal for external logic
that implements the game port function in an XT system (See HCS1
and CPPE for additional details about the operation of this pin)
HSC0 1
16 17
These dual and multi-function outputs provide a hard disk enable signal
(Hard Disk Chip Select)
when the addresses shown in Table 1-1 are present on A0 – A9 during a
read or write access Using minimal hardware these signals will control
and interface between the CPU and a hard disk drive that has a
controller HSC0 is always used for this function after reset HSC1 can
be used for this function after reset if XTSEL was high during reset
(See CRB6 GWR and CRPE for further information on these pins and
Table 1-1)
HDSEL
(Head Select)
96
This output determines which disk drive head is active Low e Head 1
Open (high) e Head 0 This is a high drive open drain output
IOL
(IO Address Low)
13
This input pin should be driven low by external decode logic when all IO
address bits 10 – 15 are low This signal is gated inside the PC87310 to
ensure that the IO bus is fully decoded
INIT
(Initialize)
36
This output initializes the printer when it is low This pin will be in a
TRI-STATE condition 10 ns after a one is loaded into the corresponding
Control Register bit position The system should pull this pin high using a
47 kX resistor
INDEX
98
This active low Schmitt input signals the beginning of a track
IRQ3 4
40 58
These outputs signal serial port interrupts The appropriate interrupt
(Interrupt Request 3 4)
goes high whenever it is enabled via the IER and any of the following
serial interrupt conditions are active Receiver Error Flag set Receiver
Data Available Transmitter Holding Register Empty or Modem Status
set The interrupt is reset low after the appropriate interrupt service
disabling through IER or a Master Reset IRQ4 presents the interrupt
signal if the serial channel is designated COM1 IRQ3 presents the
interrupt signal if the serial channel is designated COM2 Both IRQ3 and
IRQ4 can be disabled by resetting OUT 2 low
IRQ6
(Interrupt Request 6)
72
Active high output to signal that a floppy disk controller operation
requires the attention of the microprocessor The action required
depends on the current function of the controller This signal is enabled
when D3 of the Drive Control Register is set
IRQ7
(Interrupt Request 7)
39
This output signals parallel port interrupts When enabled (Control
Register bit 4 e 1) the appropriate interrupt signal will follow the ACK
signal input
MR
(Master Reset)
1
When this input is high it clears all registers except the parallel port
data and status registers the UART Receiver Buffer Transmitter
Holding and Divisor Latch Registers In the floppy disk controller it
resets all disk drive output lines to their disabled state Reset clears the
Drive Control Register sets the Data Rate Register to 250 kbs and
sets the Main Status Register to 80 The Mode register default values
are given in the Mode Register description To prevent glitches from
activating the reset sequence attach a 1000 pF capacitor to this pin
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com