Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) PC87310 Datasheet HTML 27Page - National Semiconductor (TI) PC87310 Datasheet HTML 28Page - National Semiconductor (TI) PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) PC87310 Datasheet HTML 31Page - National Semiconductor (TI) PC87310 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
40 Functional Description (Continued)
SOFTWARE POLLING
If the non-DMA mode is selected and interrupts are not suitable the mP can poll the Main Status Register during the Execution
Phase to determine when a byte is ready to be transferred In the non-DMA mode bit 7 of the Main Status Register reflects the
state of the interrupt pin Otherwise the data transfer is similar to the Interrupt Mode described above
446 Command Description Table
See Section 447 for a detailed description of each command
Note Mnemonic Definitions
DRn e
Drive to Select (encoded)
ETR e
Extended Track Range
HD e
Head Number
IAF e
Index Address Field
IPS e
Implied Seek (In individual commands this bit is a don’t care unless the IPS bit in the mode command is set)
LW PR e
Low Power Mode
MFM e
Data Encoding Scheme
MSB e
Selects whether the most significant or least significant byte of the track is read 1 e MSB
MSN PTN e
Most Significant Nibble Present Track Number
MT e
Multi-Track
PU e
Enables Charge Pump PUMP signal to be output on the PUMPPREN pin
RG e
Enables the Read Gate Input on the DSKCHG pin for the Data Separator (Write e 1)
R W e
Selects whether the track is written or read (Read e 0)
SK e
Skip Sector
TMR e
MotorHead Timer Mode
WLD e
Wildcard in Scan
X e
DON’T CARE
READ DATA
From specified sectors in logical order
on a track (optional Implied Seek)
Command Phase
MT MFM SK
0
0
1
1
0
IPS
X
X
X
X
HD DR1 DR0
Track Number
Drive Head Number
Sector Number
Number of Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Data Length
Note 1
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
READ ID
From the first address field that is
found
Command Phase
0
MFM
001010
X
X
X
X
X
HD DR1 DR0
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
FORMAT A TRACK
Write header and data patterns to the
specified track
Command Phase
0
MFM
001101
X
X
X
X
X
HD DR1 DR0
Number of Bytes per Sector
Number of Sectors per Track
Intersector Gap Length
Data Pattern
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
BytesSector
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com