Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 41Page - National Semiconductor (TI) PC87310 Datasheet HTML 42Page - National Semiconductor (TI) PC87310 Datasheet HTML 43Page - National Semiconductor (TI) PC87310 Datasheet HTML 44Page - National Semiconductor (TI) PC87310 Datasheet HTML 45Page - National Semiconductor (TI) PC87310 Datasheet HTML 46Page - National Semiconductor (TI) PC87310 Datasheet HTML 47Page - National Semiconductor (TI) PC87310 Datasheet HTML 48Page - National Semiconductor (TI) PC87310 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
70 AC Electrical Characteristics All timings are referenced to valid 0 and valid 1 (Continued)
SERIAL INTERFACE BAUD GENERATOR
Symbol
Parameter
Conditions
Min
Max
Units
N
Baud Divisor
1
216 b 1
tBHD
Baud Output Positive Edge Delay
CLK e 24 MHz d 2 100 pF Load
56
ns
tBLD
Baud Output Negative Edge Delay
CLK e 24 MHz d 2 100 pF Load
56
ns
BAUDOUT Timing
TLC10591 – 24
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com