Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) PC87310 Datasheet HTML 27Page - National Semiconductor (TI) PC87310 Datasheet HTML 28Page - National Semiconductor (TI) PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) PC87310 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
40 Functional Description (Continued)
445 Processor Software Interface
Bytes are transferred to and from the disk controller in dif-
ferent ways for the different phases in a command
COMMAND SEQUENCE
The disk controller can perform various disk transfer and
head movement commands Most commands involve three
separate phases
Command Phase
The mP writes a series of bytes to the
Data Register These bytes indicate the command desired
and the particular parameters required for the command All
the bytes must be written in the order specified in the Com-
mand Description Table The Execution Phase starts imme-
diately after the last byte in the Command Phase is written
Prior to performing the Command Phase the Drive Control
and Data Rate Registers should be set
Execution Phase
The disk controller performs the desired
command Some commands require the mP to read or write
data to or from the Data Register during this time Reading
data from a disk is an example of this
Result Phase
The mP reads a series of bytes from the data
register These bytes indicate whether the command exe-
cuted properly and other pertinent information The bytes
are read in the order specified in the Command Description
Table
A new command may be initiated by writing the Command
Phase bytes after the last bytes required from the Result
Phase have been read If the next command requires se-
lecting a different drive or changing the data rate the Drive
Control and Data Rate Registers should be updated If the
command is the last command then the software should
deselect the drive
(Note as a general rule the operation of
the controller core is independent of how the mP updates
the Drive Control and Data Rate Registers The software
must ensure that manipulation of these registers is coordi-
nated with the controller operation)
During the Command Phase and the Result Phase bytes
are transferred to and from the Data Register The Main
Status Register is monitored by the software to determine
when a data transfer can take place Bit 6 of the Main
Status Register must be clear and bit 7 must be set before a
byte can be written to the Data Register during the Com-
mand Phase Bits 6 and 7 of the Main Status Register must
both be set before a byte can be read from the Data Regis-
ter during the Result Phase
If there is information to be transferred during the Execution
Phase there are three methods that can be used The DMA
mode is used if the system has a DMA controller This al-
lows the mP to do other things during the Execution Phase
data transfer If DMA is not used an interrupt can be issued
for each byte transferred during the Execution Phase If in-
terrupts are not used the Main Status Register can be
polled to indicate when a byte transfer is required
DMA MODE
If the DMA mode is selected a DMA request will be gener-
ated in the Execution Phase when each byte is ready to be
transferred To enable DMA operations during the Execu-
tion Phase the DMA mode bit in the Specify Command
must be enabled and the DMA signals must be enabled in
the Drive Control Register The DMA controller should re-
spond to the DMA request with a DMA acknowledge and a
read or write strobe The DMA request will be cleared by the
active edge of the DMA acknowledge After the last byte is
transferred an interrupt is generated indicating the begin-
ning of the Result Phase During DMA operations the Chip
Select input must be held high TC is asserted to terminate
an operation Due to the internal gating TC is only recog-
nized when the DAK input is low
INTERRUPT MODE
If the non-DMA mode is selected an interrupt will be gener-
ated in the Execution Phase when each byte is ready to be
transferred The Main Status Register should be read to ver-
ify that the interrupt is for a data transfer Bits 5 and 7 of the
Main Status Register will be set The interrupt will be
cleared when the byte is transferred to or from the Data
Register The mP should transfer the byte within the time
allotted by Table 4-14 If the byte is not transferred within
the time allotted an Overrun Error will be indicated in the
Result Phase when the command terminates at the end of
the current sector
An interrupt will also be generated after the last byte is
transferred This indicates the beginning of the Result
Phase Bits 7 and 6 of the Main Status Register will be set
and bit 5 will be clear This interrupt will be cleared by read-
ing the first byte in the Result Phase
Interrupt Type
Reg Bits e
mP Clearing Action
Result Phase Start
MSR7 6 5 e 1 1 0
Read 1 status byte from
the Data Register (Result)
Data Write
MSR7 6 5 e 1 0 1
Write 1 data byte to the
Data Register (Execution)
Data Read
MSR7 6 5 e 1 1 1
Read 1 data byte from the
Data Register (Execution)
Reset (Note)
MSR7 6 5 e 1 0 0
Issue a Sense Interrupt
command after reset
Seek (Note)
MSR7 6 5 e 1 0 0
Issue a Sense Interrupt command
after a Seek
Recalibrate (Note)
MSR7 6 5 e 1 0 0
Issue a Sense Interrupt command
after a Recalibrate
Note
These 3 interrupts are identified by reading Status Register 0 after issuing a sense-interrupt command
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com