Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 10Page - National Semiconductor (TI) PC87310 Datasheet HTML 11Page - National Semiconductor (TI) PC87310 Datasheet HTML 12Page - National Semiconductor (TI) PC87310 Datasheet HTML 13Page - National Semiconductor (TI) PC87310 Datasheet HTML 14Page - National Semiconductor (TI) PC87310 Datasheet HTML 15Page - National Semiconductor (TI) PC87310 Datasheet HTML 16Page - National Semiconductor (TI) PC87310 Datasheet HTML 17Page - National Semiconductor (TI) PC87310 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
40 Functional Description (Continued)
TABLE 4-2 Encoded Drive and Motor Pin Information
(Configuration Register Bit 7 e 1)
Drive Control Register Bits
Drive Control Pins
Decoded Function
7
6
543210DR1
DR0
MTR1
MTR0
X
X
0
1
0
0
1
1
1
0
Activate Drive 0 and Motor 0
X
X
1
0
0
1
1
0
0
1
Activate Drive 1 and Motor 1
X
X
0
0
1
0
0
1
1
1
Activate Drive 2 and Motor 2
X
X
0
0
1
1
0
0
1
1
Activate Drive 3 and Motor 3
The pin states shown in Table 4-2 are the direct results of
the bit patterns shown All other bit patterns produce pin
states that should NOT be decoded to enable any drive or
motor In other words all other bit patterns except the four
shown in Table 4-2 are invalid and should disable all drives
and motors when Configuration Register bit 7 e 1
43 SERIAL PORTS
431 Introduction
Each of these serial ports function as a data inputoutput
interface in a microcomputer system The system software
determines the functional configuration of the UARTs via a
TRI-STATE 8-bit bidirectional data bus
The UARTs are completely independent They perform seri-
al-to-parallel conversion on data characters received from a
peripheral device or a MODEM and parallel-to-serial con-
version on data characters received from the CPU The
CPU can read the complete status of either UART at any
time during the functional operation Status information re-
ported includes the type and condition of the transfer opera-
tions being performed by the UART as well as any error
conditions (parity overrun framing or break interrupt)
The UARTs have programmable baud rate generators that
are capable of dividing the timing reference clock input by
divisors of 1 to (216b1) and producing a 16 c clock for
driving the internal transmitter logic Provisions are also in-
cluded to use this 16 c clock to drive the receiver logic The
UARTs have complete MODEM-control capability and a
processor-interrupt system Interrupts can be programmed
to the user’s requirements minimizing the computing re-
quired to handle the communications link
The UARTs can operate in the INS8250-B mode (XT) or the
NS16450 mode (AT) depending on the state of the XTSEL
pin during reset
432 Serial Port Registers
TABLE 4-3 Register Addresses (IOL e 0 AEN e 0)
DLAB1
CHSL
A2
A1
A0
Register
0
1
0
0
0
Receiver Buffer (Read)
Transmitter Holding (Write)
0
1
0
0
1
Interrupt Enable
X
1
0
1
0
Interrupt Identification (Read)
U
X
1
0
1
0
Test Control (Write)
A
X
1
0
1
1
Line Control
R
X
1
1
0
0
MODEM Control
T
X
1
1
0
1
Line Status
X
1
1
1
0
MODEM Status
X
1
1
1
1
Scratch (Note 1)
1
1
0
0
0
Divisor Latch
1
(Least Significant Byte)
1
1
0
0
1
Divisor Latch
(Most Significant Byte)
DLAB2
CHSL
A2
A1
A0
Register
0
0
0
0
0
Receiver Buffer (Read)
Transmitter Holding (Write)
0
0
0
0
1
Interrupt Enable
X
0
0
1
0
Interrupt Identification (Read)
U
X
0
0
1
0
Test Control (Write)
A
X
0
0
1
1
Line Control
R
X
0
1
0
0
MODEM Control
T
X
0
1
0
1
Line Status
X
0
1
1
0
MODEM Status
X
0
1
1
1
Scratch (Note 1)
1
0
0
0
0
Divisor Latch
2
(Least Significant Byte)
1
0
0
0
1
Divisor Latch
(Most Significant Byte)
Note 1
This register is only present when operating in the AT NS16450 mode (XTSEL is high during reset)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com