Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 39Page - National Semiconductor (TI) PC87310 Datasheet HTML 40Page - National Semiconductor (TI) PC87310 Datasheet HTML 41Page - National Semiconductor (TI) PC87310 Datasheet HTML 42Page - National Semiconductor (TI) PC87310 Datasheet HTML 43Page - National Semiconductor (TI) PC87310 Datasheet HTML 44Page - National Semiconductor (TI) PC87310 Datasheet HTML 45Page - National Semiconductor (TI) PC87310 Datasheet HTML 46Page - National Semiconductor (TI) PC87310 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
70 AC Electrical Characteristics TA e 0 Cto a70 C VDD ea5V g10%
Symbol
Parameter
Conditions
Min
Max
Units
CPU INTERFACE
tAR
Delay from Address to RD
19
ns
tAW
Delay from Address to WR
19
ns
tCH
Duration of Clock High Pulse
External Clock (24 MHz Max)
16
ns
tCL
Duration of Clock Low Pulse
External Clock (24 MHz Max)
16
ns
tDH
Data Hold Time
10
ns
tDS
Data Setup Time
19
ns
tHZ
RD to Floating Data Delay
(Note 1)
13
25
ns
tMR
Master Reset Pulse Width
100
ns
tPH
Port Hold
25
ns
tPS
Port Setup
18
ns
tRA
Address Hold Time from RD
0ns
tRC
Read Cycle Update
36
ns
tRD
RD Strobe Width
60
ns
tRI
Read Strobe to Clear IRQ6
52
ns
tRVD
Delay from RD to Data
39
ns
tWA
Address Hold Time from WR
0ns
tWC
Write Cycle Update
36
ns
tWI
Write Strobe to Clear IRQ6
52
ns
tWO
Write to Output
41
ns
tWR
WR Strobe Width
60
ns
RC
Read Cycle e tAR a tRD a tRC
115
ns
WC
Write Cycle e tAW a tWR a tWC
115
ns
Note 1
Charge and discharge time is determined by VOL VOH and the external loading
Note 2
All AC timings can be met with current loads that don’t exceed 32 mA or b80 mA at 100 pF capacitive loading
Note 3
For capacitive loads that exceed 100 pF the following typical derating factors should be used
100 pF k CL s 150 pF t e (01 nspF) (CL b 100 pF) typical
150 pF k CL s 200 pF t e (008 nspF) (CL b 100 pF) and
t e (05 nsmA) (ISINK mA) or
t eb(05 nsmA) (ISOURCE mA)
ISOURCE is always negative ISINK s 48 mA ISOURCE s b120 mA CL s 250 pF
AC Test Conditions (Notes 1 2 3)
Input Pulse Levels
GND to 3V
Input Rise and Fall Times
6 ns
Input and Output Reference Levels
13V
TRI-STATE Reference Levels
Active High b 05V
Active Low a 05V
Note 1
CL e 100 pF includes jig and scope capacitance
Note 2
S1 e open for push-pull outputs S1 e VCC for high impedance to
active low and active low to high impedance measurements S1 e GND for
high impedance to active high and active high to high imepedance measure-
ments RL e 10 kX for mP interface pins
Note 3
For the Open Drain Drive Interface Pins S1 e VCC and RL e 150X
TLC10591 – 20
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com