Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 14Page - National Semiconductor (TI) PC87310 Datasheet HTML 15Page - National Semiconductor (TI) PC87310 Datasheet HTML 16Page - National Semiconductor (TI) PC87310 Datasheet HTML 17Page - National Semiconductor (TI) PC87310 Datasheet HTML 18Page - National Semiconductor (TI) PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
40 Functional Description (Continued)
Bit 1
This bit is the Overrun Error (OE) indicator Bit 1 indi-
cates that data in the Receiver Buffer Register was not read
by the CPU before the next character was transferred into
the Receiver Buffer Register thereby destroying the previ-
ous character The OE indicator is set to a logic 1 upon
detection of an overrun condition and reset whenever the
CPU reads the contents of the Line Status Register
Bit 2
This bit is the Parity Error (PE) indicator Bit 2 indi-
cates that the received data character does not have the
correct even or odd parity as selected by the even-parity-
select bit The PE bit is set to a logic 1 upon detection of a
parity error and is reset to a logic 0 whenever the CPU reads
the contents of the Line Status Register
Bit 3
This bit is the Framing Error (FE) indicator Bit 3 indi-
cates that the received character did not have a valid Stop
bit Bit 3 is set to a logic 1 whenever the Stop bit following
the last data bit or parity bit is a logic 0 (Spacing level) The
FE indicator is reset whenever the CPU reads the contents
of the Line Status Register The UART will try to resynchro-
nize after a framing error To do this it assumes that the
framing error was due to the next start bit so it samples this
‘‘start’’ bit twice and then takes in the ‘‘data’’
Bit 4
This bit is the Break Interrupt (BI) indicator Bit 4 is set
to a logic 1 whenever the received data input is held in the
Spacing (logic 0) state for longer than a full word transmis-
sion time (that is the total time of Start bit a data bits a
Parity a Stop bits) The BI indicator is reset whenever the
CPU reads the contents of the Line Status Register Re-
starting after a break is received requires the SIN pin to be
logical 1 for at least
bit time
Note
Bits 1 through 4 are the error conditions that produce a Receiver Line
Status interrupt whenever any of the corresponding conditions are
detected and the interrupt is enabled
Bit 5
This bit is the Transmitter Holding Register Empty
(THRE) indicator Bit 5 indicates that the UART is ready to
accept a new character for transmission In addition this bit
causes the UART to issue an interrupt to the CPU when the
Transmit Holding Register Empty Interrupt enable is set
high The THRE bit is set to a logic 1 when a character is
transferred from the Transmitter Holding Register into the
Transmitter Shift Register The bit is reset to logic 0 when-
ever the CPU loads the Transmitter Holding Register
Bit 6
This bit changes its function depending on whether
the device is operating in the XT or AT mode When operat-
ing in the AT mode this bit is the Transmitter Empty (TEMT)
indicator Bit 6 is set to a logic 1 whenever the Transmitter
Holding Register (THR) and the Transmitter Shift Register
(TSR) are both empty It is reset to a logic 0 whenever either
the THR or TSR contains a data character When operating
in the XT mode this bit is set whenever the Transmitter Shift
Register is empty It is cleared whenever a byte is loaded
into the Transmit Shift Register
Bit 7
This bit is permanently set to logic 0
Note
The Line Status Register is intended for read operations only Writing
to this register is not recommended as this operation is only used for
factory testing
INTERRUPT IDENTIFICATION REGISTER
In order to provide minimum software overhead during data
character transfers the UART prioritizes interrupts into four
levels and records these in the Interrupt Identification Reg-
ister The four levels of interrupt conditions in order of prior-
ity are Receiver Line Status Received Data Ready Trans-
mitter Holding Register Empty and MODEM Status
When the CPU accesses the IIR the UART freezes all inter-
rupts and indicates the highest priority pending interrupt to
the CPU While this CPU access is occurring the UART
records new interrupts but does not change its current indi-
cation until the access is complete Table 4-4 shows the
contents of the IIR Details on each bit follow
Bit 0
This bit can be used in an interrupt environment to
indicate whether an interrupt condition is pending When bit
0 is a logic 0 an interrupt is pending and the IIR contents
may be used as a pointer to the appropriate interrupt service
routine When bit 0 is a logic 1 no interrupt is pending
Bits 1 and 2
These two bits of the IIR are used to identify
the highest priority interrupt pending as indicated in Table
4-7
Bits 3 through 7
These five bits of the IIR are always logic
0
TEST CONTROL REGISTER
This 8-bit write only register provides for the control of
UART test and alternate functions
Bits 0 – 3 5 – 7
These seven bits are reserved
Bit 4
This bit selects whether the Baudout (TCR4 e 1) or
SOUT (TCR4 e 0) signal will be presented at the output pin
assigned to the corresponding UART channel
INTERRUPT ENABLE REGISTER
This register enables the four types of UART interrupts
Each interrupt can individually activate the appropriate inter-
rupt (IRQ3 or IRQ4) output signal It is possible to totally
disable the interrupt system by resetting bits 0 through 3 of
the Interrupt Enable Register (IER) Similarly setting bits of
this register to a logic 1 enables the selected interrupt(s)
Disabling an interrupt prevents it from being indicated as
active in the IIR and from activating the interrupt output sig-
nal All other system functions operate in their normal man-
ner including the setting of the Line Status and MODEM
Status Registers Table 4-4 shows the contents of the IER
Details on each bit follow
Bit 0
This bit enables the Received Data Available Interrupt
when set to logic 1
Bit 1
This bit enables the Transmitter Holding Register
Empty Interrupt when set to logic 1
Bit 2
This bit enables the Receiver Line Status Interrupt
when set to logic 1
Bit 3
This bit enables the MODEM Status Interrupt when
set to logic 1
Bits 4 through 7
These four bits are always logic 0
MODEM CONTROL REGISTER
This register controls the interface with the MODEM or data
set (or a peripheral device emulating a MODEM) The con-
tents of the MODEM Control Register (MCR) are indicated
in Table 4-4 and are described below
Bit 0
This bit controls the Data Terminal Ready (DTR) out-
put When bit 0 is set to a logic 1 the DTR output is forced
to a logic 0 When bit 0 is reset to a logic 0 the DTR output
is forced to a logic 1 In local loopback mode this bit con-
trols bit 5 of the MODEM Status Register
Note
The DTR and RTS output of the UART may be applied to an EIA
inverting line driver (such as the DS1488) to obtain the proper polarity
input at the succeeding MODEM or data set
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com