Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 44Page - National Semiconductor (TI) PC87310 Datasheet HTML 45Page - National Semiconductor (TI) PC87310 Datasheet HTML 46Page - National Semiconductor (TI) PC87310 Datasheet HTML 47Page - National Semiconductor (TI) PC87310 Datasheet HTML 48Page - National Semiconductor (TI) PC87310 Datasheet HTML 49Page - National Semiconductor (TI) PC87310 Datasheet HTML 50Page - National Semiconductor (TI) PC87310 Datasheet HTML 51Page - National Semiconductor (TI) PC87310 Datasheet HTML 52Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
70 AC Electrical Characteristics TA e 0 Cto a70 C VDD ea5V g10% (Continued)
DMA TIMING
(Note 1)
Symbol
Parameter
Min
Max
Units
tAA
DAK Pulse Width
60
ns
tAQ
End of DRQ from DAK
92
ns
tQA
DAK Assertion from DRQ
8
ns
tQR
DRQ to Read or Write Strobe
8
ns
tTQ
Time after Last DRQ That
(Note 2)
TC Must Be Asserted By
tTT
TC Strobe Width
40
ns
Note 1
DMA Acknowledge is sufficient to acknowledge a data transfer Read or Write Strobes are neccessary only if data is to be presented to the data bus If
ReadWrite Strobes are applied then they and the Acknowledge must be removed within 1 ms of each other
Note 2
TC is is the terminal count pin which terminates the data transfer operation There are several constraints placed on the timing of TC 1) TC is enabled by
DAK so TC must be pulsed while DAK is low 2) TC must occur before ((1data rate x 8) b 1 ms) Data rate is the exact data transfer rate being used
TLC10591 – 28
DRIVE READ TIMING
Symbol
Parameter
Min
Max
Units
tRDW
Read Data Pulse Width
25
ns
TLC10591 – 29
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com