Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 17Page - National Semiconductor (TI) PC87310 Datasheet HTML 18Page - National Semiconductor (TI) PC87310 Datasheet HTML 19Page - National Semiconductor (TI) PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
40 Functional Description (Continued)
TLC10591 – 8
FIGURE 2 Block Diagram of the Data Separator
TLC10591 – 9
a) Single Data Rate
TLC10591 – 10
b) 250500 kbs Filter
TLC10591 – 11
c) 250500 kbs and 1 Mbs
Note
For all filter configurations 250 kbs and 300 kbs share the same filter
FIGURE 3 Typical Configuration for Loop Filters for the FDC Showing Component Labels
To ensure optimal performance the data separator incorpo-
rates several additional circuits The quarter period delay
line is used to determine the center of each bit cell A sec-
ondary PLL is used to automatically calibrate the quarter
period delay line The secondary PLL also calibrates the
center frequency of the VCO
To eliminate the logic associated with controlling multiple
data rates the floppy disk controller (FDC) supports the con-
nection of three filters to the chip via the FGND250 and
FGND500 pins (filter ground switches)
The controller
chooses which filter components to use based on the value
loaded in the Data Rate Register If 500 k(MFM) is being
used then the FGND500 is enabled (FGND250 is disabled)
If 250 k(MFM) or 300 k(MFM) is being used the FGND250
pin is enabled and FGND500 is disabled For 1 Mbs
(MFM) both FGND pins are disabled
Note for FM encoding
Sometimes after a reset the FDC will consistently
return an error in the Result Phase after an FM read command If this oc-
curs simply reset the FDC and retry the operation This may have to be
done more than once as many as five times Resetting and repeating will
prevent soft errors being reported prematurely This technique is used by
MS-DOS
Figure 3 shows several possible filter configurations For a
filter to cover all data rates
(Figure 3c) the FDC has a
1 Mbs filter always connected and other capacitor filter
components for the other data rates are switched in parallel
to this filter The actual loop filter for 500 kbs is the parallel
combination of the two capacitors C2C and C2B attached
to the FGND500 pin and to ground The 250300 kbs filter
is the parallel combination of the capacitors C2C and C2A
attached to the FGND250 and ground If 1 Mbs need not
be supported then the filter configuration of
Figure 3b can
be used This configuration allows more optimal perform-
ance for both 500k and 250300 kbs
Figure 3a is a simple
filter configuration primarily for a single data rate (or multiple
data rates with a performance compromise) Table 4-8
shows some typical filter values Other filter configurations
and values are possible these result in good general per-
formance
While the controller and data separator support both FM
and MFM encoding the filter switch circuitry only supports
the IBM standard MFM data rates To provide both FM and
MFM filters external logic may be necessary
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com