Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 28Page - National Semiconductor (TI) PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) PC87310 Datasheet HTML 31Page - National Semiconductor (TI) PC87310 Datasheet HTML 32Page - National Semiconductor (TI) PC87310 Datasheet HTML 33Page - National Semiconductor (TI) PC87310 Datasheet HTML 34Page - National Semiconductor (TI) PC87310 Datasheet HTML 35Page - National Semiconductor (TI) PC87310 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
40 Functional Description (Continued)
TABLE 4-16 Result Phase Termination Values with No Error
MT
HD
Last
ID Information at Result Phase
Sector
Track
Head
Sector
BS
00
k
EOT
NC
NC
Sa1NC
00
e
EOT
Ta1NC
1
NC
01
k
EOT
NC
NC
Sa1NC
01
e
EOT
Ta1NC
1
NC
10
k
EOT
NC
NC
Sa1NC
10
e
EOT
NC
1
1
NC
11
k
EOT
NC
NC
Sa1NC
11
e
EOT
Ta10
1
NC
EOT e End of Track Sector Number from Command Phase
NC e No Change in Value
S e Sector Number last operated on by controller
T e Track Number programmed in Command Phase
WRITE DATA
The Write Data command is very similar to the Read Data
command except that data is transferred from the mPtothe
disk rather than the other way around If the controller de-
tects the Write Protect signal bit 1 of ST1 (Not Writable) is
set and an abnormal termination is indicated
WRITE DELETED DATA
This command is the same as the Write Data Command
except a Deleted Data Mark is written at the beginning of
the Data Field instead of the normal Data Mark
READ A TRACK
This command is similar to the Read Data command except
for the following The controller starts at the index hole and
reads the sectors in their physical order not their logical
order
Even though the controller is reading sectors in their physi-
cal order it will still perform a comparison of the header ID
bytes with the Data programmed in the Command Phase
The exception to this is the sector number Internally this is
initialized to a one and then incremented for each succes-
sive sector read Whether or not the programmed Address
Field matches that read from the disk the sectors are still
read in their physical order If a header ID comparison fails
bit 2 of ST1 (No Data) is set but the operation will continue
If there is a CRC error in the Address Field or the Data Field
the read will also continue
The command will terminate when it has read the number of
sectors programmed in the EOT parameter
READ ID
This command will cause the controller to read the first Ad-
dress Field that it finds The Result Phase will contain the
header bytes that are read There is no data transfer during
the Execution Phase of this command An interrupt will be
generated when the Execution Phase is completed
FORMAT A TRACK
This command will format one track on the disk After the
index hole is detected data patterns are written on the disk
including all gaps address marks Address Fields and Data
Fields The exact details of the number of bytes for each
field is controlled by the parameters given in the Format A
Track command and the IAF (Index Address Field) bit in the
Mode command The Data Field consists of the Fill Byte
specified in the command repeated to fill the entire sector
To allow for flexible formatting the mP must supply the four
Address Field bytes (track head sector number of bytes)
for each sector formatted during the Execution Phase In
other words as the controller formats each sector it will
request four bytes through either DMA requests or inter-
rupts This allows for non-sequential sector interleaving
Some typical values for the programmable GAP size are
shown in Table 4-17
The Format Command terminates when the index hole is
detected a second time at which point an interrupt is gener-
ated Only the first three status bytes in the Result Phase
are significant
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com