Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) PC87310 Datasheet HTML 31Page - National Semiconductor (TI) PC87310 Datasheet HTML 32Page - National Semiconductor (TI) PC87310 Datasheet HTML 33Page - National Semiconductor (TI) PC87310 Datasheet HTML 34Page - National Semiconductor (TI) PC87310 Datasheet HTML 35Page - National Semiconductor (TI) PC87310 Datasheet HTML 36Page - National Semiconductor (TI) PC87310 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
40 Functional Description (Continued)
TABLE 4-17
Format Table for Sector Size and Data Rate
Mode
Sector
Sector
EOT
Sector
Format
Size
Code
Gap
Gap
Decimal
Hex
Hex
Hex
Hex
128
00
12
07
09
128
00
10
10
19
FM
256
01
08
18
30
125 kbs
512
02
04
46
87
1024
03
02
C8
FF
2048
04
01
C8
FF
256
01
12
0A
0C
256
01
10
20
32
MFM
512
02
08
2A
50
250 kbs
512
02
09
1B
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
128
00
1A
07
1B
256
01
0F
0E
2A
FM
512
02
08
1B
3A
250 kbs
1024
03
04
47
8A
2048
04
02
C8
FF
4096
05
01
C8
FF
256
01
1A
0E
36
512
02
0F
1B
54
MFM
512
02
12
1B
6C
500 kbs
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF
Format Table for PC Compatible Diskette Media
Media
Sector
Sector
EOT
Sector
Format
Type
Size
Code
Gap
Gap
Decimal
Hex
Hex
Hex
Hex
360k
512
02
09
2A
50
12M
512
02
0F
1B
54
720k
512
02
09
1B
50
144M
512
02
12
1B
6C
Note
Format Gap is the gap length used only for the Format command
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com