Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 31Page - National Semiconductor (TI) PC87310 Datasheet HTML 32Page - National Semiconductor (TI) PC87310 Datasheet HTML 33Page - National Semiconductor (TI) PC87310 Datasheet HTML 34Page - National Semiconductor (TI) PC87310 Datasheet HTML 35Page - National Semiconductor (TI) PC87310 Datasheet HTML 36Page - National Semiconductor (TI) PC87310 Datasheet HTML 37Page - National Semiconductor (TI) PC87310 Datasheet HTML 38Page - National Semiconductor (TI) PC87310 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
40 Functional Description (Continued)
SEEK
There are two ways to move the disk drive head to the
desired track number Method One is to enable the Implied
Seek Mode This way each individual Read or Write com-
mand will automatically move the head to the track speci-
fied in the command
Method Two is using the Seek Command During the Execu-
tion Phase of the Seek Command the track number to seek
to is compared with the present track number and a step
pulse is produced to move the head one track closer to the
desired track number This is repeated at the rate specified
by the Specify Command until the head reaches the correct
track At this point an interrupt is generated and a Sense
Interrupt Command is required to clear the interrupt
During the Execution Phase of the Seek Command the only
indication via software that a Seek Command is in progress
is bits 0 – 3 (Drive Busy) of the Main Status Register Bit 4 of
the Main Status Register (Command in Progress) is not set
The internal microengine is capable of executing seeks on
more than one drive at a time However since the active
drive is selected by the system software and there is no way
to coordinate this selection with the microengine step puls-
es only one seek command should be issued by the soft-
ware at a time No other command except the Sense Inter-
rupt Command should be issued while a Seek Command is
in progress
If the extended track range mode is enabled a fourth byte
should be written in the Command Phase to indicate the
four most significant bits of the desired track number Other-
wise only three bytes should be written
RECALIBRATE
The Recalibrate Command is very similar to the Seek Com-
mand It is used to step a drive head out to track zero Step
pulses will be produced until the track zero signal from the
drive becomes true If the track zero signal does not go true
before 77 step pulses are issued an error is generated If
the extended track range mode is enabled an error is not
generated until 3917 pulses are issued
Recalibrations on more than one drive at a time should not
be issued for the same reason as explained in the Seek
Command No other command except the Sense Interrupt
Command should be issued while a Recalibrate Command
is in progress
SENSE INTERRUPT STATUS
An interrupt is generated by the controller when any of the
following conditions occur
1 Upon entering the Result Phase of
a Read Data Command
b Read Deleted Data Command
c Write Data Command
d Write Deleted Data Command
e Read a Track Command
f Read ID Command
g Format Command
h Scan Commands
2 During data transfers in the Execution Phase while in the
Non-DMA mode
3 Internal Ready signal changes state (only occurs imme-
diately after a hardware or software reset)
4 Seek or Recalibrate Command termination
An interrupt generated for reasons 1 and 2 above occurs
during normal command operations and are easily discern-
ible by the mP During an execution phase in Non-DMA
Mode bit 5 (Execution Mode) in the Main Status Register is
set to 1 Upon entering Result Phase this bit is set to 0
Reasons 1 and 2 do not require the Sense Interrupt Status
command The interrupt is cleared by reading or writing in-
formation to the data register
Interrupts caused by reasons 3 and 4 are identified with the
aid of the Sense Interrupt Status Command This command
resets the interrupt when the command byte is written Use
bits 5 6 and 7 of ST0 to identify the cause of the interrupt as
shown in Table 4-19
TABLE 4-19 Status Register 0 Termination Codes
Status Register 0
Interrupt
Seek
Cause
Code
End
D7
D6
D5
1
1
0
Internal Ready Went True
0
0
1
Normal Seek Termination
0
1
1
Abnormal Seek Termination
TABLE 4-20 Step Head Load and Unload Timer
Definitions (500 kbs MFM)
Timer
Mode 1
Mode 2
Unit
Value
Range
Value
Range
Step Rate
(16 b N)
1 – 16
(16 b N)
1–16
ms
Head Unload
N c 16
0 – 240 N c 512 0 – 7680
ms
Head Load
N c 2
0 – 254
N c 32
0 – 4064
ms
Issuing a Sense Interrupt Status Command without an inter-
rupt pending is treated as an invalid command
If the extended track range mode is enabled a third byte
should be read in the Result Phase which will indicate the
four most significant bits of the Present Track Number Oth-
erwise only two bytes should be read
SPECIFY
The Specify Command sets the initial values for each of the
three internal timers The timer programming values are
shown in Table 4-20
The Head Load and Head Unload timers are artifacts of the
m
PD765A These timers determine the delay from loading
the head until a read or write command is started and un-
loading the head sometime after the command was com-
pleted Since the FDC’s head load signal is now from the
software controlled Motor lines in the Drive Control Regis-
ter these timers only provide some delay from the initiation
of a command until it is actually started These times can be
extended by setting the TMR bit in the Mode Command
The Step Rate Time defines the time interval between adja-
cent step pulses during a Seek Implied Seek or Recali-
brate Command
The times stated in the table are affected by the Data Rate
The values in the table are for 500 kbs MFM (250 kbs FM)
and 1 Mbs MFM (500 kbs FM) For a 300 kbs MFM data
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com