Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC87310 Datasheet HTML 1Page - National Semiconductor (TI) PC87310 Datasheet HTML 2Page - National Semiconductor (TI) PC87310 Datasheet HTML 3Page - National Semiconductor (TI) PC87310 Datasheet HTML 4Page - National Semiconductor (TI) PC87310 Datasheet HTML 5Page - National Semiconductor (TI) PC87310 Datasheet HTML 6Page - National Semiconductor (TI) PC87310 Datasheet HTML 7Page - National Semiconductor (TI) PC87310 Datasheet HTML 8Page - National Semiconductor (TI) PC87310 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
TLC10591
August 1990
PC87310 (SuperIOTM)
Dual UART with Floppy Disk Controller
and Parallel Port
General Description
The PC87310 incorporates two full function UARTs a flop-
py disk controller (FDC) with analog data separator one
parallel port game port decode hard disk controller de-
code standard XTAT address decoding for on-chip func-
tions and a Configuration Register in one chip Thus it of-
fers a single chip solution to the most commonly used
IBM PC XT and AT peripherals The floppy disk controller
is fully compatible with the industry standard 765 architec-
ture but it includes many more advanced options such as a
high performance data separator extended track range to
4096 implied seek command scan command and both
standard IBM formats as well as ISO 35
formats The
UARTs are compatible with either the INS8250N-B or the
NS16450 The parallel port hard disk select and game port
select logic maintain complete compatibility with the IBM XT
and AT Hardware selects XT or AT compatibility
The Configuration Register is one byte wide and can be
programmed via hardware or software Through its control
the user can assign standard AT addresses and disable any
major on-chip function (eg the FDC either UART or the
parallel port) independently of the others This allows for
flexibility in system configuration when adapter cards con-
tain duplicate functions
Features
Y
100% compatible to the IBM PC XT and AT
architectures
Y
Software compatible to the INS8250N-B INS8250A and
NS16450 UARTs
Y
100% compatible to the industry standard 765A
architecture
Y
On-chip analog data separator operates up to 1 Mbs
Y
Implements all DP8473 Floppy Disk Controller functions
Y
Bidirectional parallel port for printer or scanner opera-
tion Provides all standard Centronics and IBM PC XT
and AT interface signals
Y
Decoding and chip selects for an IDE hard disk
interface
Y
Address decoding and strobe generation for a game
port
Y
Fabricated in NSC’s 15 m M2CMOS process
Y
Low power CMOS with a power down mode
Y
100-pin EIAJ plastic flatpak package
Y
Integrates all PC-XT
PC-AT
logic
On chip 24 MHz crystal oscillator
DMA enable logic
IBM compatible address decode of A0 – A9
24 mA mP bus interface buffers
40 mA floppy drive interface buffers
Data rate and drive control registers
Y
Precision analog data separator
Self-calibrating PLL and delay line
Automatically chooses one of three filters
Intelligent read algorithm
Y
Two pin programmable precompensation modes
Y
Other enhancements
Implied seek up to 4000 tracks
IBM or ISO formatting
Y
Separate interrupt request lines for the parallel and se-
rial ports
Y
Adds or deletes standard asynchronous communication
bits (start parity and stop) to or from the serial data
Y
Independently controlled transmit receive line status
and data set interrupts
Y
Programmable baud generators for each UART channel
divide the input clock by 1 to (216 b 1) and generate
the internal 16 c sample clock
Y
MODEM control functions for each UART channel
(CTS RTS DSR DTR RI and DCD)
Y
Fully programmable serial-interface characteristics
5 6 7 or 8 bit characters
Even odd or no parity generation and detection
1 1
or 2 stop bit generation
Y
High current drive capability for the parallel port
Note
This part is patented
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Plus-2TM and SuperIOTM are trademarks of National Semiconductor Corporation
IBM
PC-XT
PC-AT
and PS2
are registered trademarks of International Business Machines Corporation
C1995 National Semiconductor Corporation
RRD-B30M65Printed in U S A


Similar Part No. - PC87310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87311 NSC-PC87311 Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87311A NSC-PC87311A Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87311AVF NSC-PC87311AVF Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87312VF NSC-PC87312VF Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87317 NSC-PC87317 Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
More results

Similar Description - PC87310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87303VUL NSC-PC87303VUL Datasheet
1Mb / 114P
PC87303VUL SuperI/OTM Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, IEEE 1284 Parallel Port, and IDE Inter
PC87306 NSC-PC87306 Datasheet
1Mb / 110P
PC87306 SuperI/OTM Enhanced Sidewinder Lite Floppy Disk Controller, Keyboard Controller, Real-Time Clock, Dual UARTs, Infrared Interface, IEEE 1284 Pa
PC87311A NSC-PC87311A Datasheet
879Kb / 78P
PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PC87332VLJ NSC-PC87332VLJ Datasheet
887Kb / 98P
PC87332VLJ (3.3V/5V) and PC87332VLJ-5 (5V) (SuperI/OTM III Premium Green) Floppy Disk Controller, Dual UARTs, IEEE1284 Parallel Port, and IDE Interfac
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
National Semiconductor ...
PC87322VF NSC-PC87322VF Datasheet
1,022Kb / 84P
Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com