Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 27Page - National Semiconductor (TI) PC87310 Datasheet HTML 28Page - National Semiconductor (TI) PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) PC87310 Datasheet HTML 31Page - National Semiconductor (TI) PC87310 Datasheet HTML 32Page - National Semiconductor (TI) PC87310 Datasheet HTML 33Page - National Semiconductor (TI) PC87310 Datasheet HTML 34Page - National Semiconductor (TI) PC87310 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
40 Functional Description (Continued)
447 Command Descriptions
READ DATA
The Read Data op-code is written to the data register fol-
lowed by 8 bytes as specified in the Command Description
Table After the last byte is written the controller starts
looking for the correct sector header Once the sector is
found the controller sends the data to the mP After one
sector is finished the Sector Number is incremented by one
and this new sector is searched for If MT (Multi-Track) is
set both sides of one track can be read Starting on side
zero the sectors are read until the sector number specified
by End of Track Sector Number is reached Then side one
is read starting with sector number one
In DMA mode the Read Data command continues to read
until the TC pin is set This means that the DMA controller
should be programmed to transfer the correct number of
bytes TC could be controlled by the mP and be asserted
when enough bytes are received An alternative to these
methods of stopping the Read Data command is to program
the End of Track Sector Number to be the last sector num-
ber that needs to be read The controller will stop reading
the disk with an error indicating that it tried to access a
sector number beyond the end of the track
The Number of Data Bytes per Sector parameter is defined
in Table 4-15 If this is set to zero then the Data Length
parameter determines the number of bytes that the control-
ler transfers to the mP If the data length specified is smaller
than 128 the controller still reads the entire 128 byte sector
and checks the CRC though only the number of bytes spec-
ified by the Data Length parameter are transferred to the
m
P Data Length should not be set to zero If the Number of
Bytes per Sector parameter is not zero the Data Length
parameter has no meaning and should be set to FF (hex)
If the Implied Seek Mode is enabled by both the Mode com-
mand and the IPS bit in this command a Seek will be per-
formed to the track number specified in the Command
Phase The controller will also wait the Head Settle time if
the implied seek is enabled
After all these conditions are met the controller searches
for the specified sector by comparing the track number
head number sector number and number bytessector giv-
en in the Command Phase with the appropriate bytes read
off the disk in the Address Fields
If the correct sector is found but there is a CRC error in the
Address Field bit 5 of ST1 (CRC Error) is set and an abnor-
mal termination is indicated If the correct sector is not
found bit 2 of ST1 (No Data) is set and an abnormal termi-
nation is indicated In addition to this if any Address Field
track number is FF bit 1 of ST2 (Bad Track) is set or if any
Address Field track number is different from that specified in
the Command Phase bit 4 of ST2 (Wrong Track) is set
After finding the correct sector the controller reads that
Data Field If a Deleted Data Mark is found and the SK bit is
set the sector is not read bit 6 of ST2 (Control Mark) is set
and the next sector is searched for If a deleted data mark is
found and the SK bit is not set the sector is read bit 6 of
ST2 (Control Mark) is set and the read terminates with a
normal termination If a CRC error is detected in the Data
Field bit 5 is set in both ST1 and ST2 (CRC Error) and an
abnormal termination is indicated
If no problems occur in the read command the read will
continue from one sector to the next in logical order (not
physical order) until either TC is set or an error occurs
If a disk has not been inserted into the disk drive there are
many opportunities for the controller to appear to hang up It
does this if it is waiting for a certain number of disk revolu-
tions for something If this occurs the controller can be
forced to abort the command by writing a byte to the Data
register This will place the controller into the Result Phase
for the current command that is being executed The soft-
ware should then execute the Result Phase activity (ie for
the Read Data Command it should read 7 status bytes)
TABLE 4-15 Sector Size Selection
BytesSector
Number
Code
of Bytes in
Data Field
0
128
1
256
2
512
3
1024
4
2048
5
4096
6
8192
An interrupt will be generated when the Execution Phase of
the Read Data command terminates The values that will be
read back in the Result Phase are shown in Table 4-16 If an
error occurs the result bytes will indicate the sector being
read when the error occurred
READ DELETED DATA
This command is the same as the Read Data command
except for its treatment of a Deleted Data Mark If a Deleted
Data Mark is read the sector is read normally If a Regular
Data Mark is found and the SK bit is set the sector is not
read bit 6 of ST2 (Control Mark) is set and the next sector
is searched for If a Regular Data Mark is found and the SK
bit is not set the sector is read bit 6 of ST2 (Control Mark)
is set and the read terminates with a normal termination
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com