Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87310 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) PC87310 Datasheet HTML 27Page - National Semiconductor (TI) PC87310 Datasheet HTML 28Page - National Semiconductor (TI) PC87310 Datasheet HTML 29Page - National Semiconductor (TI) PC87310 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
40 Functional Description (Continued)
D6 – D0
These bits are reserved for use by the hard disk
controller thus during a read of this register these bits are
TRI-STATE
444 Result Phase Status Registers
The Result Phase of a command contains bytes that hold
status information The format of these bytes are described
below Do not confuse these register bytes with the Main
Status Register which is a read only register that is always
available The Result Phase status registers are read from
the Data Register only during the Result Phase
STATUS REGISTER 0 (ST0)
D7–D6 Interrupt Code
00 e Normal Termination of Command
01 e Abnormal Termination of Command Execu-
tion of Command was started but was not
successfully completed
10 e Invalid Command Issue
Command Issued
was not recognized as a valid command
11 e Ready changed state during the polling mode
D5 Seek End
This bit is set after a Seek or Recalibrate
Command is completed by the Controller (Used during
Sense Interrupt command)
D4 Equipment Check
This bit is set if a Recalibrate Com-
mand or a Track 0 signal failed to occur (Used during
Sense Interrupt command)
D3 Not Used
0
D2 Head Number
(at end of Execution Phase)
D1 D0 Drive Select
(at end of Execution Phase)
00 e Drive 0 selected 01 e Drive 1 selected
10 e Drive 2 selected 11 e Drive 3 selected
STATUS REGISTER 1 (ST1)
D7 End of Track
This bit is set when the controller trans-
ferred the last byte of the last sector without the TC pin
becoming active The last sector is the End Of Track
sector number programmed in the Command Phase
D6 Not Used
0
D5 CRC Error
If this bit is set and bit 5 of ST2 is clear
then there was a CRC error in the Address Field of the
correct sector If bit 5 of ST2 is set then there was a
CRC error in the Data Field
D4 Over Run
This bit is set when the controller was not
serviced by the mP soon enough during a data transfer
in the Execution Phase
TABLE 4-14 Maximum Time Allowed to
Service an Interrupt or Acknowledge
a DMA Request in Execution Phase
Data
Time to
Rate
Service
125
620 ms
250
300 ms
500
140 ms
1000
60 ms
Time from rising edge of DRQ or INT to trailing edge of DAK
or RD or WR
D3 Not Used
0
D2 No Data
This bit is set for any of three possible prob-
lems 1) Controller cannot find the sector specified in
the Command Phase during the execution of a Read
Write or Scan command An address mark was found
however so it is not a blank disk 2) Controller cannot
read any Address Fields without a CRC error during
Read ID command 3) Controller cannot find starting
sector during execution of Read A Track command
D1 Not Writable
This bit is set if the Write Protect pin is
active when a Write or Format command is issued
D0 Missing Address Mark
If this bit is set and if bit 0 of
ST2 is clear then the disk controller cannot detect any
Address Field Address Mark after two disk revolutions
If bit 0 of ST2 is set then the disk controller cannot
detect the Data Field Address Mark
STATUS REGISTER 2 (ST2)
D7 Not Used
0
D6 Control Mark
This bit is set if the controller tried to
read a sector which contained a deleted data address
mark during execution of Read Data or Scan com-
mands Or if a Read Deleted Data command was exe-
cuted a regular address mark was detected
D5 CRC Error in Data Field
This bit is set if the controller
detected a CRC error in the Data Field Bit 5 of ST1 is
also set
D4 Wrong Track
This bit is only set if the desired sector is
not found and the track number recorded on any sector
of the current track is different from that stored in the
Track Register
D3 Scan Equal Hit
This bit is set if the ‘‘Equal’’ condition
satisfied during any Scan Command
D2 Scan Not Satisfied
This bit is set if the controller can-
not find a sector on the track which meets the desired
condition during Scan Command
D1 Bad Track
This bit is only set if the desired sector is
not found and the track number recorded on any sector
on the track is different from that stored in the Track
Register and the recorded track number is FF
D0 Missing Address Mark in Data Field
This bit is set if
the controller cannot find the Data Field Address Mark
during ReadScan command Bit 0 of ST1 is also set
STATUS REGISTER 3 (ST3)
D7 Not Used
0
D6 Write Protect Status
This bit is the complement of the
associated FDC interface pin for the drive selected in
the DCR
D5 Not Used
1
D4 Track 0 Status
This bit is the complement of the asso-
ciated FDC interface pin for the drive selected in the
DCR
D3 Not Used
0
D2 Head Select Status
This bit shows the status of the
associated bit in the Sense Drive Status Command
Phase
D1 D0 Drive Selected (at end of Execution Phase)
These bits show the status of the associated bits in the
Sense Drive Status Command Phase These bits show the
same status as ST0 bits 1 0
00 e Drive 0 selected 01 e Drive 1 selected
10 e Drive 2 selected 11 e Drive 3 selected
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com