Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology USB2524 Datasheet HTML 24Page - Microchip Technology USB2524 Datasheet HTML 25Page - Microchip Technology USB2524 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
USB2524
DS00001588B-page 22
 2013 - 2016 Microchip Technology Inc.
7.1.4.10
Register 09h: Non-Removable Device (Reset = 0x00)
7.1.4.11
Register 0Ah: Port Disable For Self Powered Operation (Reset = 0x00)
0
STRING_EN
Enables String Descriptor Support
‘0’ = String Support Disabled
‘1’ = String Support Enabled
Bit Number
Bit Name
Description
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non- removable
devices. ‘0’ = port is removable, ‘1’ = port is non- removable.
Informs the Host if one of the active ports has a permanent device that is un-
detachable from the Hub. (Note: The device must provide its own descriptor
data.)
When using the internal default option, the NON_REM[1:0] pins will designate
the appropriate ports as being non- removable.
Bit 7= Reserved, always = ‘0’.
Bit 6= Reserved, always = ‘0’.
Bit 5= Reserved, always = ‘0’.
Bit 4= 1; Port 4 is disabled.
Bit 3= 1; Port 3 non-removable.
Bit 2= 1; Port 2 non-removable.
Bit 1= 1; Port 1 non-removable.
Bit 0 is Reserved, always = ‘0’.
Bit Number
Bit Name
Description
7:0
PORT_DIS_SP
Port Disable Self-Powered: Disables 1 or more contiguous ports. ‘0’ = port is
available, ‘1’ = port is disabled.
During Self-Powered operation, this selects the ports which will be
permanently disabled, and are not available to be enabled or enumerated by
a Host Controller. The disabled ports must be contiguous, and must be in
decreasing order starting with port 4.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7= Reserved, always = ‘0’.
Bit 6= Reserved, always = ‘0’.
Bit 5= Reserved, always = ‘0’.
Bit 4= 1; Port 4 is disabled.
Bit 3= 1; Port 3 is disabled.
Bit 2= 1; Port 2 is disabled.
Bit 1= 1; Port 1 is disabled.
Bit 0 is Reserved, always = ‘0’
Bit Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com