Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 12Page - Microchip Technology USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
USB2524
DS00001588B-page 16
 2013 - 2016 Microchip Technology Inc.
7.0
CONFIGURATION OPTIONS
7.1
Switching Hub Configuration Options
The Microchip Hub supports a large number of features (some are mutually exclusive), and must be configured in order
to correctly function when attached to a USB host controller. There are three principal ways to configure the hub: SMBus,
EEPROM, or by internal default settings (with or without pin strapping option over-rides). In all cases, the configuration
method will be determined by the CFG_SEL2, CFG_SEL1 and CFG_SEL0 pins immediately after RESET_N negation.
7.1.1
POWER SWITCHING POLARITY
The selection of active state “polarity” for the PRTPWR pins is made by a strapping option only (the PRTPWR_POL pin).
7.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port can never provide power to its D+ or D- pull-
up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the Hub mon-
itors the state of the upstream VBUS signal and will not pull-up the D+ resistor if VBUS is not active. If VBUS goes from
an active to an inactive state (Not Powered), Hub will remove power from the D+ pull-up resistor within 10 seconds.
7.1.3
PORT ASSIGNMENT CONFIGURATION:
The order of precedence for control of ownership of each port is as follows:
1.
CFG_SEL0 and CFG_SEL1.
2.
PRT_ASSIGN_CFG register
3.
PRT_ASSIGN_MODE register
4.
PRT_LCK register
5.
The applicable PORT_ASSIGN_INTxx or PORT_ASSIGN_xx register (based on the settings above).
7.1.4
INTERNAL REGISTER SET (COMMON TO EEPROM AND SMBUS)
Note:
The PRT_LCK register will primarily be used when in SMBus mode, but is available for use in EEPROM
Configuration, When the EEPROM port assignment values are loaded, the PRT_LCK will be temporarily
suspended, then after the configuration is loaded, the PRT_LCK function will be enabled.
TABLE 7-1:
INTERNAL EEPROM & SMBUS REGISTER MEMORY MAP
REG ADDR
R/W
Register Name
ABBR
Default ROM
00h
R/W
VID LSB
VIDL
24h
01h
R/W
VID MSB
VIDM
04h
02h
R/W
PID LSB
PIDL
24h
03h
R/W
PID MSB
PIDM
25h
04h
R/W
DID LSB
DIDL
00h
05h
R/W
DID MSB
DIDM
00h
06h
R/W
Config Data Byte 1
CFG1
9Bh
07h
R/W
Config Data Byte 2
CFG2
10h
08h
R/W
Config Data Byte 3
CFG3
00h
09h
R/W
Non-Removable Devices
NRD
00h
0Ah
R/W
Port Disable (Self)
PDS
00h
0Bh
R/W
Port Disable (Bus)
PDB
00h
0Ch
R/W
Max Power (Self)
MAXPS
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com