Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 44Page - Microchip Technology USB2524 Datasheet HTML 45Page - Microchip Technology USB2524 Datasheet HTML 46Page - Microchip Technology USB2524 Datasheet HTML 47Page - Microchip Technology USB2524 Datasheet HTML 48Page - Microchip Technology USB2524 Datasheet HTML 49Page - Microchip Technology USB2524 Datasheet HTML 50Page - Microchip Technology USB2524 Datasheet HTML 51Page - Microchip Technology USB2524 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
USB2524
DS00001588B-page 48
2013 - 2016 Microchip Technology Inc.
11.0
DC PARAMETERS
11.1
Maximum Ratings
Operating Temperature Range.....................................................................................................................0oC to +70oC
Storage Temperature Range ..................................................................................................................... -55o to +150oC
Lead Temperature Range (soldering, 10 seconds) ...............................................................................................+325oC
Positive Voltage on any I/O pin, with respect to Ground ............................................................................................5.5V
Negative Voltage on any I/O pin, with respect to Ground........................................................................................... -0.V
Positive Voltage on XTAL1, with respect to Ground...................................................................................................4.0V
Positive Voltage on XTAL2, with respect to Ground...................................................................................................3.6V
Negative Voltage on XTAL1 and XTAL2, with respect to Ground .............................................................................. -0.V
Maximum VDDA33 &VDD33........................................................................................................................................+4.0V
* Stresses above the specified parameters could cause permanent damage to the device. This is a stress rating only
and functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
11.1.1
DC ELECTRICAL CHARACTERISTICS
(TA = 0°C - 70°C, VDD33, VDDA33, = +3.3 V tolerance -5% to 10%)
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute Max-
imum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. When this possibility exists, it is suggested that a clamp circuit be used.
TABLE 11-1:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
I, IS Type Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis (‘IS’ Only)
VILI
VIHI
IIL
VHYSI
2.0
-10
250
300
0.8
+10
350
V
V
uA
mV
TTL Levels
VIN = 0 to VDD33
Input Buffer with Pull-Up
(IPU)
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
0.8
10
30
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com