Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 8Page - Microchip Technology USB2524 Datasheet HTML 9Page - Microchip Technology USB2524 Datasheet HTML 10Page - Microchip Technology USB2524 Datasheet HTML 11Page - Microchip Technology USB2524 Datasheet HTML 12Page - Microchip Technology USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
USB2524
DS00001588B-page 12
 2013 - 2016 Microchip Technology Inc.
TABLE 4-4:
POWER, GROUND, AND NO CONNECT
Name
Symbol
Type
Function
VDD Core
VDDCR18
+1.8V core power.
Pins 16 and 50 must have a 4.7
F (or greater) ±20%
(ESR <0.1
capacitor to VSS
VDDIO 3.3V
VDD33
+3.3V Power Supply for the Digital I/O.
VDD PLL
VDDPLL18
+1.8V Filtered analog power for internal PLL.
This pin must have a 4.7
F (or greater) ±20% (ESR
<0.1
capacitor to VSS
VDD Analog
I/O
VDDA33
+3.3V Filtered analog PHY power, shared between
adjacent ports.
VSS
VSS
Ground
NC
NC
No Connect
TABLE 4-5:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input.
IPD
Input, Weak Internal pull-down.
IPU
Input, Weak Internal pull-up.
IS
Input with Schmitt trigger.
IOSD12
Open drain….12mA sink with Schmitt trigger, and must meet I2C-Bus Specification Version 2.1
requirements.
ICLKx
XTAL Clock Input
OCLKx
XTAL Clock Output
I-R
RBIAS
IO-U
Defined in USB Specification.
Note:
Meets USB 1.1 requirements when operating as a 1.1-compliant device and meets
USB 2.0 requirements when operating as a 2.0-compliant device.
AIO
Analog Input/output. Per PHY test requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com