Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 32Page - Microchip Technology USB2524 Datasheet HTML 33Page - Microchip Technology USB2524 Datasheet HTML 34Page - Microchip Technology USB2524 Datasheet HTML 35Page - Microchip Technology USB2524 Datasheet HTML 36Page - Microchip Technology USB2524 Datasheet HTML 37Page - Microchip Technology USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology USB2524 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
USB2524
DS00001588B-page 36
 2013 - 2016 Microchip Technology Inc.
7.2
EEPROM Interface
The Microchip Hub can be configured via a 2-wire (I2C) EEPROM (256x8). (please see Table 4-2, "SMBus or EEPROM
Interface Behavior" for specific details on how to enable configuration via an I2C EEPROM).
The Internal state-machine will, (when configured for EEPROM support) read the external EEPROM for configuration
data. The hub will then “attach” to the upstream USB port.
Please see Internal Register Set (Common to EEPROM and SMBus) for a list of data fields available.
7.2.1
I2C MASTER
The I2C EEPROM interface implements a subset of the I2C Master Specification (Please refer to the Philips Semicon-
ductor Standard I2C-Bus Specification for details on I2C bus protocols). The Hub’s I2C EEPROM interface is designed
to attach to a single “dedicated” I2C EEPROM, and it conforms to the Standard-mode I2C Specification (100kbit/s trans-
fer rate and 7-bit addressing) for protocol and electrical compatibility.
The Hub acts as the master and generates the serial clock SCL, controls the bus access (determines which device acts
as the transmitter and which device acts as the receiver), and generates the START and STOP conditions.
7.2.1.1
Implementation Characteristics
The Hub will only access an EEPROM using the Sequential Read Protocol.
7.2.1.2
Pull-Up Resistor
The Circuit board designer is required to place external pull-up resistors (10K
 recommended) on the SDA/SMBDATA
& SCL/SMBCLK/CFG_SELO lines (per SMBus 1.0 Specification, and EEPROM manufacturer guidelines) to Vcc in
order to assure proper operation.
7.2.1.3
I2C EEPROM Slave Address
Slave address is 1010000.
7.2.2
IN-CIRCUIT EEPROM PROGRAMMING
The EEPROM can be programmed via ATE by pulling RESET_N low (which tri-states the Hub’s EEPROM interface and
allows an external source to program the EEPROM).
0
USB_ATTACH
USB Attach (and write protect).
0 = SMBus slave interface is active.
1 = Hub will signal a USB attach event to an upstream device, and the internal
memory (address range 00h-F0h) is “write-protected” to prevent unintentional
data corruption.}
{Note 1: This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
{Note 2: If the SMBus interface is kept active after this bit is set, the
PORT_ASSIGN_12, PORT_ASSIGN_34 PORT_ASSIGN_56,
PORT_ASSIGN_7 and PORT_LOCKOUT registers may be continuously
written to reconfigure port ownership.
Note:
The Hub does not have the capability to write, or “Program”, an external EEPROM. The Hub only has the
capability to read external EEPROMs. The external eeprom will be read (even if it is blank or non-popu-
lated), and the hub will be “configured” with the values that are read.
Note:
Extensions to the I2C Specification are not supported.
Note:
10-bit addressing is NOT supported.
Bit Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com