Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 38 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 38 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 34Page - Microchip Technology USB2524 Datasheet HTML 35Page - Microchip Technology USB2524 Datasheet HTML 36Page - Microchip Technology USB2524 Datasheet HTML 37Page - Microchip Technology USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology USB2524 Datasheet HTML 40Page - Microchip Technology USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
USB2524
DS00001588B-page 38
 2013 - 2016 Microchip Technology Inc.
A Block Read differs from a block write in that the repeated start condition exists to satisfy the I2C specification's require-
ment for a change in the transfer direction.
TABLE 7-3:
SMBUS BLOCK READ
7.3.2
INVALID PROTOCOL RESPONSE BEHAVIOR
Registers that are accessed with an invalid protocol are not updated. A register is only updated following a valid protocol.
The only valid protocols are Write Block and Read Block, which are described above.
The Hub only responds to the hardware selected Slave Address. Attempting to communicate with the Hub over SMBus
with an invalid slave address or invalid protocol results in no response, and the SMBus Slave Interface returns to the
idle state. The only valid registers that are accessible by the SMBus slave address are the registers defined in the Reg-
isters Section. See Undefined Registers for the response to undefined registers.
7.3.3
GENERAL CALL ADDRESS RESPONSE
The Hub does not respond to a general call address of 0000_000b.
7.3.4
SLAVE DEVICE TIME-OUT
According to the SMBus Specification, V1.0 devices in a transfer can abort the transfer in progress and release the bus
when any single clock low interval exceeds 25ms (TTIMEOUT, MIN). Devices that have detected this condition must reset
their communication and be able to receive a new START condition no later than 35ms (TTIMEOUT, MAX).
7.3.5
STRETCHING THE SCLK SIGNAL
The Hub supports stretching of the SCLK by other devices on the SMBus. The Hub does not stretch the SCLK.
7.3.6
SMBUS TIMING
The SMBus Slave Interface complies with the SMBus AC Timing Specification. See the SMBus timing in the “Timing
Diagram” section.
7.3.7
BUS RESET SEQUENCE
The SMBus Slave Interface resets and returns to the idle state upon a START field followed immediately by a STOP
field.
7.3.8
SMBUS ALERT RESPONSE ADDRESS
The SMBALERT# signal is not supported by the Hub.
7.3.8.1
Undefined Registers
Reads to undefined registers return 00h. Writes to undefined registers have no effect and do not return an error.
Note:
Some simple devices do not contain a clock low drive circuit; this simple kind of device typically resets its
communications port after a start or stop condition. The Slave Device Time-Out must be implemented.
Block Read
1
S
S
Slave Address
Register Address
Wr
A
17
1
1
8
A
1
Slave Address
Rd
A
71
1
81
1
1
88
P
1
81
A
A
A
A
Byte Count = N
Data byte 1
Data byte 2
Data byte N
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com