Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 11Page - Microchip Technology USB2524 Datasheet HTML 12Page - Microchip Technology USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 15
USB2524
6.1.2
PERIPHERAL MODE: LEVEL TRIGGERED
In Peripheral Mode (Level Triggered), each pin directly switches a downstream port between the two upstream host
ports. Each pin on the PRT_ASSIGN interface is only capable of two electrical states (either logic low or logic high). The
interface will control downstream port assignment as follows.
PRT_ASSIGN0 = '0', then Port 1 assigned to host 1
PRT_ASSIGN0 = '1', then Port 1 assigned to host 2
PRT_ASSIGN1 = '0', then Port 2 assigned to host 1
PRT_ASSIGN1 = '1', then Port 2 assigned to host 2
PRT_ASSIGN2 = '0', then Port 3 assigned to host 1
PRT_ASSIGN2 = '1', then Port 3 assigned to host 2
PRT_ASSIGN3 = '0', then Port 4 assigned to host 1
PRT_ASSIGN3 = '1', then Port 4 assigned to host 2
6.1.3
PERIPHERAL MODE: EDGE TRIGGERED
Each pin will respond to a positive edge transition that is part of a positive pulse that has a minimum pulse width of
100ns, and will not respond to another positive edge until after a negative pulse with minimum pulse width (that is deter-
mined by the Register D0h: Port Interface Delay Timer (Reset = 0x00) on page 26) has been detected. The combination
of a 100ns positive pulse width and a programmable length negative width requirement provides an effective glitch filter
mechanism for a variety of mechanical switches.
Each positive edge transition will change the upstream host ownership of downstream ports as follows (1st transition
will increment ownership from Host 1 to Host 2, the 2nd transition will increment ownership from Host 2 to Unassigned
(or Host 1, if not using the Unassigned state), and the 3rd transition will increment ownership from Unassigned to Host
1 (note: this “3rd” state will not occur if “unassigned” is not used). Each subsequent transition will continue to increment
the port ownership and will cycle through in similar fashion.
6.2
SMBus Host Control of Port Assignment
In this mode, the SMBus interface remains “live” during operation of the switching hub and is used to switch/assign ports
“on-the-fly” through SMBus commands. This is accomplished through register direct writes to the Port Assignment reg-
isters (see the USB_ATTACH description under Register FFh: Status/Command (Reset = 0x00) on page 35).
Note:
There is a switching delay determined by the Register D0h: Port Interface Delay Timer.
Note:
Power-On default for edge triggered operation is: all ports assigned to Host 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com