Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 37Page - Microchip Technology USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology USB2524 Datasheet HTML 40Page - Microchip Technology USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology USB2524 Datasheet HTML 44Page - Microchip Technology USB2524 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
2013 - 2016 Microchip Technology Inc.
DS00001588B-page 41
USB2524
Figure 8-1 shows a simple example of how this LED circuit will be implemented. The Circuit will need to be replicated
for each of the 8 LED pins on the USB2524. In this circuit, when the LED pin is driven to a logic low state, the Green
LED will Light up. When the LED pin is driven to a Logic High state the Red LED will Light up. When a 1KHz square
wave is driven out on the LED pin, the Green and Red LED’s will both alternately light up giving the effect of the color
Orange. When nothing is driven out on the LED pin (i.e. the pin floats to a “tri-state” condition), neither the Green or Red
LED will light up, this is the “Off” state.
The assignment is as follows:
LED_A1_N = Port 1 Owned By Host A
LED_B1_N = Port 1 Owned By Host B
LED_A2_N = Port 2 Owned By Host A
LED_B2_N = Port 2 Owned By Host B
LED_A3_N = Port 3 Owned By Host A
LED_B3_N = Port 3 Owned By Host B
LED_A4_N = Port 4 Owned By Host A
LED_B4_N = Port 4 Owned By Host B
The Usage is as follows:
LED_Ax_N Driven to Logic Low = Port Owned by Host “A” and is operating at USB LS/FS Speed
LED_Ax_N Driven to Logic High = Port Owned by Host “A” and is operating at USB HS Speed
LED_Ax_N Pulsed @ 1KHz= Port Owned by Host “A” and has nothing attached.
LED_Ax_N is tri-state= LED “A” is off.
TABLE 8-1:
DUAL COLOR LED IMPLEMENTATION EXAMPLE
LED pin
Green LED
Red LED
3.3V
General
Purpose
Diode
Current limiting
resistor
Connect to other
dual color diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com