Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 35Page - Microchip Technology USB2524 Datasheet HTML 36Page - Microchip Technology USB2524 Datasheet HTML 37Page - Microchip Technology USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology USB2524 Datasheet HTML 40Page - Microchip Technology USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 39
USB2524
7.3.8.2
Reserved Registers
Unless otherwise instructed, only a ‘0’ may be written to all reserved registers or bits.
7.4
Default Strapping Option
The USB2524 can be configured via a combination of internal default values and pin strap options.
The strapping option pins only cover a limited sub-set of the configuration options. The internal default values will be
used for the bits & registers that are not controlled by a strapping option pin.
The LED_A[4:1]_N pins are sampled after RESET_N negation, and the logic values are used to configure the hub if the
internal default configuration mode is selected. The implementation shown in Figure 7-1, "LED Strapping Option" shows
a recommended passive scheme. When a pin is configured with a “Strap High” configuration, the LED functions with
active low signaling, and the PAD will “sink” the current from the external supply. When a pin is configured with a “Strap
Low” configuration, the LED functions with active high signaling, and the PAD will source the current to the external LED.
7.5
Default Configuration
When configured for Internal Defaults only, the Default ROM values in Table 7-1, "Internal EEPROM & SMBus Register
Memory Map" lists the values which will be used to configure the various hub features.
FIGURE 7-1:
LED STRAPPING OPTION
HUB
100K
Strap Low
LED
Pin
100K
Strap High
LED
Pin
+V
LED
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com