Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology USB2524 Datasheet HTML 24Page - Microchip Technology USB2524 Datasheet HTML 25Page - Microchip Technology USB2524 Datasheet HTML 26Page - Microchip Technology USB2524 Datasheet HTML 27Page - Microchip Technology USB2524 Datasheet HTML 28Page - Microchip Technology USB2524 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 25
USB2524
7.1.4.23
Register 16h-53h: Manufacturer String (Reset = 0x00)
7.1.4.24
Register 54h-91h: Product String (Reset = 0x00)
7.1.4.25
Register 92h-CFh: Serial String (Reset = 0x00)
Bit Number
Bit Name
Description
7:0
MFR_STR
Manufacturer String, UNICODE UTF-16LE per USB 2.0 Specification
Maximum string length is 31 characters (62 Bytes)
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE char-
acters. The Characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location (sub-
sequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM program-
mers may transpose the MSB and LSB, thus reversing the Byte
order. Please pay careful attention to the Byte ordering or your
selected programming tools.
Bit Number
Bit Name
Description
7:0
PRD_STR
Product String, UNICODE UTF-16LE per USB 2.0 Specification
Maximum string length is 31 characters (62 Bytes)
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE char-
acters. The Characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location (sub-
sequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM program-
mers may transpose the MSB and LSB, thus reversing the Byte
order. Please pay careful attention to the Byte ordering or your
selected programming tools.
Bit Number
Bit Name
Description
7:0
SER_STR
Serial String, UNICODE UTF-16LE per USB 2.0 Specification
Maximum string length is 31 characters (62 Bytes)
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE char-
acters. The Characters will be stored starting with the LSB at the
least significant address and the MSB at the next 8-bit location (sub-
sequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner). Some EEPROM program-
mers may transpose the MSB and LSB, thus reversing the Byte
order. Please pay careful attention to the Byte ordering or your
selected programming tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com