Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 1 Page - Microchip Technology

  USB2524 Datasheet HTML 1Page - Microchip Technology USB2524 Datasheet HTML 2Page - Microchip Technology USB2524 Datasheet HTML 3Page - Microchip Technology USB2524 Datasheet HTML 4Page - Microchip Technology USB2524 Datasheet HTML 5Page - Microchip Technology USB2524 Datasheet HTML 6Page - Microchip Technology USB2524 Datasheet HTML 7Page - Microchip Technology USB2524 Datasheet HTML 8Page - Microchip Technology USB2524 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 1
Highlights
• USB 2.0 Compatible 4-Port Hub with two
upstream host port connections
- Provides electronic reconfiguration and re-
assignment of any of its 4 downstream ports
to either of two upstream host ports (“on-the-
fly”)
- Allows multiple USB hosts to share peripher-
als and enables a user to dynamically assign
host ownership
- Embedded Mode - 8 (predefined, OEM
programmable) configurations for port assignment
are selectable via three external control signals
- Peripheral Mode - Dedicated select pin for every
downstream port (total of 4), selectable edge or level
triggered in order to support a wide range of possible
switch configurations and styles
- Each host has a dedicated Single Transac-
tion Translator (Single-TT) for supporting FS/
LS devices, or can also operate in Multi-TT
mode where each downstream port has a
dedicated Transaction Translator.
• Downstream ports can be disabled or defined as
non-removable
• Switching hub can be configured as compound
device for support of ‘embedded’ USB peripherals
• Multiple LED modes for maximum implementation
flexibility
- USB Mode - 2 Single-color LEDs for each
downstream port (total of 8 LEDs)
- Host Ownership Mode - 8 Single-Color LEDs
indicate which upstream host each of the
downstream ports are assigned to.
- Host Ownership & Port Speed Mode - 8 Dual-
Color LEDs are used to indicate which
upstream host each of the downstream ports
are assigned to, while simultaneously indicat-
ing downstream port connection speed.
• Enhanced configuration options available through
either a Single Serial I2C EEPROM, or SMBus
Slave Port
- VID/PID/DID
- Port Configuration
- String Descriptors (each can support a maxi-
mum length of 31 characters)
- Custom Manufacturer String
- Custom Product String
- Custom Serial String
- Assignment of downstream ports to upstream
hosts
- Switching mechanism selection
• Hardware Strapping options allow for configura-
tion without an external EEPROM or SMBus Host
- Default VID/PID/DID, allows functionality
when configuration EEPROM is absent
• Complete USB Specification 2.0 Compatibility
- Includes USB 2.0 Hi-Speed Transceivers
- High-Speed (480Mbits/s), Full-Speed
(12Mbits/s) and Low-Speed (1.5Mbits/s)
compatible
- Full power management with choice of Indi-
vidual or Ganged power control
• On-Board 24MHz Crystal Driver Circuit or 24 MHz
external clock driver
• Internal PLL for 480MHz USB 2.0 Sampling
• Internal 1.8V Linear Voltage Regulator
• Integrated USB termination and Pull-up/Pull-down
resistors
• Internal Short Circuit protection of USB differential
signal pins
• 1.8 Volt Low Power Core Operation
• 3.3 Volt I/O with 5V Input Tolerance
• 56-Pin QFN RoHS Compliant Package
USB2524
USB MultiSwitch Hub


Similar Part No. - USB2524

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
USB MultiSwitch Hub
USB2524 SMSC-USB2524 Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
USB2524-ABZJ SMSC-USB2524-ABZJ Datasheet
1Mb / 57P
USB MultiSwitch Hub
USB2524-ABZJ SMSC-USB2524-ABZJ Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
USB2524 SMSC-USB2524_07 Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
More results

Similar Description - USB2524

ManufacturerPart #DatasheetDescription
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
USB HUB CONTROLLER
logo
ATMEL Corporation
AT43310 ATMEL-AT43310 Datasheet
247Kb / 25P
USB Hub
AT43311 ATMEL-AT43311 Datasheet
136Kb / 24P
USB Hub
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
USB Hub Controller
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
USB MultiSwitch Hub
logo
List of Unclassifed Man...
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
USB Hub Controller
logo
SMSC Corporation
USB2524 SMSC-USB2524_07 Datasheet
927Kb / 57P
USB MultiSwitchTM Hub
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
USB Sensor Hub
logo
Glenair, Inc.
808-086 GLENAIR-808-086 Datasheet
193Kb / 1P
USB Cordset Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com