Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
USB2524
DS00001588B-page 18
 2013 - 2016 Microchip Technology Inc.
7.1.4.1
Register 00h: Vendor ID (LSB) (Reset = 0x00)
7.1.4.2
Register 01h: Vendor ID (MSB) (Reset = 0x00)
7.1.4.3
Register 02h: Product ID (LSB) (Reset = 0x00)
E8h
R/W
Port Assign Int5D
PRTIF5D
00h
E9h
R/W
Port Assign Int6A
PRTIF6A
11h
EAh
R/W
Port Assign Int6B
PRTIF6B
02h
EBh
R/W
Port Assign Int6C
PRTIF6C
00h
ECh
R/W
Port Assign Int6D
PRTIF6D
00h
EDh
R/W
Port Assign Int7A
PRTIF7A
11h
EEh
R/W
Port Assign Int7B
PRTIF7B
01h
EFh
R/W
Port Assign Int7C
PRTIF7C
00h
F0h
R/W
Port Assign Int7D
PRTIF7D
00h
F1h
R/W
Port Assign 12
PRTA12
00h
F2h
R/W
Port Assign 34
PRTA34
00h
F3h
R/W
Port Assign 56
PRTA56
00h
F4h
R/W
Port Assign 7
PRTA7
00h
F5h
R/W
Port Lockout
PRT_LK
00h
F6h-FEh
R/W
Reserved
N/A
00h
FFh
R/W
Status/Command
Note: SMBus register only!
STCD
00h
Bit Number
Bit Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Bit Number
Bit Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Bit Number
Bit Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the Vendor
can assign that uniquely identifies this particular product (assigned by OEM).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
TABLE 7-1:
INTERNAL EEPROM & SMBUS REGISTER MEMORY MAP (CONTINUED)
REG ADDR
R/W
Register Name
ABBR
Default ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com