Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 7Page - Microchip Technology USB2524 Datasheet HTML 8Page - Microchip Technology USB2524 Datasheet HTML 9Page - Microchip Technology USB2524 Datasheet HTML 10Page - Microchip Technology USB2524 Datasheet HTML 11Page - Microchip Technology USB2524 Datasheet HTML 12Page - Microchip Technology USB2524 Datasheet HTML 13Page - Microchip Technology USB2524 Datasheet HTML 14Page - Microchip Technology USB2524 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001588B-page 11
USB2524
1
0
0
Internal Default Configuration
• PRT_ASSIGN[3:0] = Peripheral Mode (Edge Triggered)
• LED Mode = Host Ownership Mode
•Strap
• options on pins LED_A[4:1]_N are enabled.
• Supports unassigned Ports
1
0
1
Internal Default Configuration
• PRT_ASSIGN[3:0] = Peripheral Mode (Edge Triggered)
• LED Mode = Host Ownership & Port Speed Mode
• Strap options on pins LED_A[4:1]_N are disabled
• Supports unassigned Ports.
110
Reserved
111
Reserved
TABLE 4-3:
MISCELLANEOUS PINS
Name
Symbol
Type
Function
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or
to an external 24MHz clock when a crystal is not used.
Note:
See Table 11-1 for the required logic voltage
levels of this pad if it will be driven by an exter-
nal clock source.
Crystal Output
XTAL2
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left
unconnected when an external clock source is used to
drive XTAL1/CLKIN. It must not be used to drive any
external circuitry other than the crystal circuit.
RESET Input
RESET_N
IS
This active low signal is used by the system to reset the
chip. The minimum active low pulse is 1us.
Self-Power /
Bus-Power
Detect
SELF_PWR
I
Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., Hub
gets all power from Upstream USB VBus).
High = Self/local power source is available.
TEST Pin
TEST
IPD
Used for testing the chip. User must treat as a no-
connect or connect to ground.
TABLE 4-2:
SMBUS OR EEPROM INTERFACE BEHAVIOR (CONTINUED)
Name
Name
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com