Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 36Page - Microchip Technology USB2524 Datasheet HTML 37Page - Microchip Technology USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology USB2524 Datasheet HTML 40Page - Microchip Technology USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology USB2524 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
USB2524
DS00001588B-page 40
2013 - 2016 Microchip Technology Inc.
8.0
LED INTERFACE DESCRIPTION
The USB2524 supports 3 different (mutually exclusive) LED modes. USB Mode provides 8 LEDS, which conform to the
USB 2.0 specification functional requirements for Green and Amber LED’s. Basic Host Owner LED Indication mode
uses 8 Single color LED’s to provide user indication of upstream host ownership of the 4 downstream ports. Host Owner
and Downstream Port Speed LED Indication mode uses 8 Dual Color LED’s to provide both a User indication of Down-
stream port ownership, while simultaneously displaying an indication of the speed of the downstream device which is
attached to each of the downstream ports.
8.1
USB Mode
The LED_A[4:1]_N pins are used to provide Green LED, and LED_B[4:1]_N pins are used to provide Amber LED sup-
port as defined in the USB 2.0 specification. The USB Specification defines the LED’s as port and error status indicators
for the downstream ports. Please note that no indication of upstream host ownership is possible in this mode. The pins
are utilized as follows:
LED_A1_N = Port 1 Green
LED_B1_N = Port 1 Amber
LED_A2_N = Port 2 Green
LED_B2_N = Port 2 Amber
LED_A3_N = Port 3 Green
LED_B3_N = Port 3 Amber
LED_A4_N = Port 4 Green
LED_B4_N = Port 4 Amber
8.2
Basic Host Owner LED Indication
All 8 LED pins are used in this mode in conjunction with single-color LEDs to indicate which upstream Host owns each
specific downstream Port. The usage and assignment is as follows:
LED_A1_N = Port 1 Owned By Host A
LED_B1_N = Port 1 Owned By Host B
LED_A2_N = Port 2 Owned By Host A
LED_B2_N = Port 2 Owned By Host B
LED_A3_N = Port 3 Owned By Host A
LED_B3_N = Port 3 Owned By Host B
LED_A4_N = Port 4 Owned By Host A
LED_B4_N = Port 4 Owned By Host B
If a Port is disabled, or is Unassigned, then neither the “A” or “B” LED associated with that port will be asserted.
Since these LED’s are provided to give an end-user a clear indication of Host Ownership of downstream ports, they will
function when the hub is in suspend, and will indicate Host ownership even if the applicable assigned Host is discon-
nected, powered off, etc.
8.3
Host Ownership and Port Speed LED Indication
All 8 LED pins are used in this mode in conjunction with 8 Dual-color LEDs (each LED pair in a single package) to indi-
cate which upstream Host owns each specific downstream Port, as well as the speed that the downstream device is
operating at.
Each dual-color LED provides two separate colors (commonly Green and Red). If each of these separate colors are
pulsed on and off at a rapid rate, a user will see a third color (in this example, Orange). By this means, 4 different “color”
states are possible (Green, Red, Orange, and Off).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com