Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 46Page - Microchip Technology USB2524 Datasheet HTML 47Page - Microchip Technology USB2524 Datasheet HTML 48Page - Microchip Technology USB2524 Datasheet HTML 49Page - Microchip Technology USB2524 Datasheet HTML 50Page - Microchip Technology USB2524 Datasheet HTML 51Page - Microchip Technology USB2524 Datasheet HTML 52Page - Microchip Technology USB2524 Datasheet HTML 53Page - Microchip Technology USB2524 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
USB2524
DS00001588B-page 50
2013 - 2016 Microchip Technology Inc.
Note 11-1
Output leakage is measured with the current pins in high impedance.
Note 11-2
See USB 2.0 Specification for USB DC electrical characteristics.
Note 11-3
RBIAS is a 3.3V tolerant analog pin.
CAPACITANCE TA = 25°C; fc = 1MHz; VDDIO = 3.3V
Power Sequencing
There are no power supply sequence restrictions for the Hub. The order in which power supplies power-up and power-
down is implementation dependent.
Supply Current
Configured
(2 upstream Full-Speed
Hosts)
1 Port
2 Ports
3 Ports
4 Ports
IFCC1
IFCC2
IFCC3
IFCC4
182
182
182
182
mA
mA
mA
mA
Total from all supplies
Supply Current
Suspend
ICSBY
272
A
Total from all supplies.
Supply Current
Reset
ICRST
73
A
Total from all supplies.
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input
Capacitance
CIN
2
pF
All pins except USB pins (and pins under
test tied to AC ground)
Input Capacitance
CIN
8pF
Output Capacitance
COUT
12
pF
TABLE 11-1:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com