Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 16Page - Microchip Technology USB2524 Datasheet HTML 17Page - Microchip Technology USB2524 Datasheet HTML 18Page - Microchip Technology USB2524 Datasheet HTML 19Page - Microchip Technology USB2524 Datasheet HTML 20Page - Microchip Technology USB2524 Datasheet HTML 21Page - Microchip Technology USB2524 Datasheet HTML 22Page - Microchip Technology USB2524 Datasheet HTML 23Page - Microchip Technology USB2524 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
USB2524
DS00001588B-page 20
 2013 - 2016 Microchip Technology Inc.
7.1.4.8
Register 07h: Configuration Data Byte 2 (Reset = 0x00)
4
MTT_ENABLE
Multi-TT enable: Enables one transaction translator per port operation.
Selects between a mode where only one transaction translator is available for
all ports (Single-TT), or each port gets a dedicated transaction translator
(Multi-TT) {Note: The host may force Single-TT mode only}. When using the
internal default option, the MTT_EN pin enables/disables MTT support.
0 = single TT for all ports.
1 = one TT per port (multiple TT’s supported)
3
EOP_DISABLE
EOP Disable: Disables EOP generation of EOF1 when in Full-Speed mode.
During FS operation only, this permits the Hub to send EOP if no downstream
traffic is detected at EOF1. See Section 11.3.1 of the USB 2.0 Specification
for additional details. Note: generation of an EOP at the EOF1 point may
prevent a Host controller (operating in FS mode) from placing the USB bus in
suspend.
0 = An EOP is generated at the EOF1 point if no traffic is detected.
1 = EOP generation at EOF1 is disabled (note: this is normal USB operation).
2:1
CURRENT_SNS
Over Current Sense: Selects current sensing on a port-by-port basis, all ports
ganged, or none (only for bus-powered hubs) The ability to support current
sensing on a port or ganged basis is hardware implementation dependent.
00 = Ganged sensing (all ports together).
01 = Individual port-by-port.
1x = Over current sensing not supported. (must only be used with Bus-
Powered configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is hardware implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching.
Bit Number
Bit Name
Description
7
DYNAMIC
Dynamic Power Enable: Controls the ability of the Hub to automatically
change from Self-Powered operation to Bus- Powered operation if the local
power source is removed or is unavailable (and from Bus-Powered to Self-
Powered if the local power source is restored). {Note: If the local power
source is available, the Hub will always switch to Self-Powered operation.}
When Dynamic Power switching is enabled, the Hub detects the availability
of a local power source by monitoring the external SELF_PWR pin. If the Hub
detects a change in power source availability, the Hub immediately
disconnects and removes power from all downstream devices and
disconnects the upstream port. The Hub will then re-attach to the upstream
port as either a Bus-Powered Hub (if local-power in unavailable) or a Self-
Powered Hub (if local power is available).
0 = No Dynamic auto-switching.
1 = Dynamic Auto-switching capable.
6
Reserved
Reserved, always = ‘0’.
5:4
OC_TIMER
OverCurrent Timer: Over Current Timer delay.
00 = 0.1ms
01 = 2ms
10 = 4ms
11 = 6ms
Bit Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com