Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2524 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB2524
Description  USB MultiSwitch Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2524 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB2524 Datasheet HTML 38Page - Microchip Technology USB2524 Datasheet HTML 39Page - Microchip Technology USB2524 Datasheet HTML 40Page - Microchip Technology USB2524 Datasheet HTML 41Page - Microchip Technology USB2524 Datasheet HTML 42Page - Microchip Technology USB2524 Datasheet HTML 43Page - Microchip Technology USB2524 Datasheet HTML 44Page - Microchip Technology USB2524 Datasheet HTML 45Page - Microchip Technology USB2524 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
USB2524
DS00001588B-page 42
2013 - 2016 Microchip Technology Inc.
LED_Bx_N Driven to Logic Low = Port Owned by Host “B” and is operating at USB LS/FS Speed
LED_Bx_N Driven to Logic High = Port Owned by Host “B” and is operating at USB HS Speed
LED_Bx_N Pulsed @ 1KHz= Port Owned by Host “B” and has nothing attached.
LED_Bx_N is tri-state= LED “B” is off.
If a Port is disabled, or is Unassigned, then neither the “A” or “B” LED associated with that port will be asserted (i.e. both
LED's will be OFF/tri-stated).
Since these LED’s are provided to give an end-user a clear indication of Host Ownership of downstream ports, they will
function when the hub is in suspend, and will indicate Host ownership even if the applicable assigned Host is discon-
nected, powered off, etc.
When a downstream device is in suspend (or the Hub is in suspend), connected devices will continue to reflect the
proper LED color for the operational speed the device is enumerated at (i.e, HS will remain HS, and FS/LS will remain
FS/LS) What will change is the 3rd color which represents an assigned port with no connection, when in suspend the
corresponding LED will be off (giving the same indication as unassigned, while the hub is suspended). This disables the
1khz toggle while the hub is suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com